Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 228 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 228 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 224Page - Texas Instruments DM505LRBABF Datasheet HTML 225Page - Texas Instruments DM505LRBABF Datasheet HTML 226Page - Texas Instruments DM505LRBABF Datasheet HTML 227Page - Texas Instruments DM505LRBABF Datasheet HTML 228Page - Texas Instruments DM505LRBABF Datasheet HTML 229Page - Texas Instruments DM505LRBABF Datasheet HTML 230Page - Texas Instruments DM505LRBABF Datasheet HTML 231Page - Texas Instruments DM505LRBABF Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 295 page
background image
228
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
Table 7-4 illustrates the approved and validated power supply connections to the Device for the SMPS
outputs of the TPS65917 and LP8732 combined with LP8733 PMICs.
Table 7-4. Power Supply Connections
TPS65917
Dual Converter Solution
Valid Combination 1:
SMPS1
LP8733Q Buck0
vdd_dspeve
SMPS2
LP8733Q Buck1
vdd
SMPS3
LP8732Q Buck0
vdds18v, vdds18v_ddr[3:1], vddshv[6:1]
SMPS4
LP8732Q Buck1
vdds_ddr1, vdds_ddr2, vdds_ddr3
Table 7-5 illustrates the LP8733 and LP8732 OTP IDs required for DM50x processor systems using
different DDR memory types.
Table 7-5. OTP ID Memory Types Support
DDR Type
LP8733Q
LP8732Q
OTP Version
OTP Version
DDR2
2A
2D
LPDDR2
2A
2B
DDR3
2A
2F
DDR3L
2A
2E
7.3.6
DPLL Voltage Requirement
The voltage input to the DPLLs has a low noise requirement. Board designs should supply these voltage
inputs with a low noise LDO to ensure they are isolated from any potential digital switching noise. The
TPS65917 PMIC LDOLN output or LDO0 on LP8733Q dual power solution is specifically designed to
meet this low noise requirement.
NOTE
For more information about Input Voltage Sources, see DPLLs, DLLs Specifications
Table 7-6 presents the voltage inputs that supply the DPLLs.
Table 7-6. Input Voltage Power Supplies for the DPLLs
POWER SUPPLY
DPLLs
vdda_per
DPLL_PER and PER HSDIVIDER analog power supply
vdda_ddr_dsp
DPLL_DSP, DPLL_DDR and DDR HSDIVIDER analog power supply
vdda_gmac_core
GMAC PLL, GMAC HSDIVIDER, DPLL_CORE and CORE HSDIVIDER analog power
supply
7.3.7
Loss of Input Power Event
A few key PDN design items needed to enable a controlled and compliant SoC power down sequence for
a “Loss of Input Power” event are:
•
“Loss of Input Power” early warning
–
TI EVM and Reference Design Study SCHs and PDNs achieve this by using the 1st Stage
Converter’s (i.e. LM536033-Q1) Power Good status output to enable and disable the 2nd Stage
PMIC devices (i.e. TPS65917/919, LP8733, and LP8732). If a different 1st Stage Converter is used,
care must be taken to ensure an adequate “PG_Status” or “Vbatt_Status” signal is provided that
can disable 2nd Stage PMIC to begin a controlled and compliant SoC power down sequence. The
total elapsed time from asserting “PG_Status” low until SoC’s PMIC input voltage reaches minimum
level of 2.75V should be minimum of 1.5ms and 2ms preferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com