Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 232 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 232 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 228Page - Texas Instruments DM505LRBABF Datasheet HTML 229Page - Texas Instruments DM505LRBABF Datasheet HTML 230Page - Texas Instruments DM505LRBABF Datasheet HTML 231Page - Texas Instruments DM505LRBABF Datasheet HTML 232Page - Texas Instruments DM505LRBABF Datasheet HTML 233Page - Texas Instruments DM505LRBABF Datasheet HTML 234Page - Texas Instruments DM505LRBABF Datasheet HTML 235Page - Texas Instruments DM505LRBABF Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 295 page
background image
232
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
Table 7-9. Decoupling Design Detail Summary (continued)
Cap Reference
Description
Loop Inductacne at
50MHz [nH]
Footprint Types
PCB Side
Distance to
Ball-Field [mils]
Value
Size
C5085
0.84
2vWEE
Bottom
35
0.1
0402
C5019
1.09
4vWE
Top
631
0.47
0603
C5111
1.09
4vWE
Bottom
681
0.1
0402
C5030
1.11
4vWE
Top
738
4.7
0805
C5037
1.11
4vWE
Top
563
2.2
0603
C5018
1.14
4vWE
Top
681
1
0603
C5021
1.17
4vWE
Top
761
0.22
0603
C5026
1.18
4vWE
Top
792
22
1206
C5079
1.32
4vWE
Bottom
542
0.1
0402
C5080
1.58
4vWE
Bottom
602
0.1
0402
(1) Distances are wrt "middle of Ball Field", Ref pt between: U5000-M9 to middle of Dcap's power pad unless specifed
Figure 7-17 shows vdd_dspeve Impedance vs Frequency characteristics.
Figure 7-17. vdd_dspeve Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com