Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 229 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 229 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 225Page - Texas Instruments DM505LRBABF Datasheet HTML 226Page - Texas Instruments DM505LRBABF Datasheet HTML 227Page - Texas Instruments DM505LRBABF Datasheet HTML 228Page - Texas Instruments DM505LRBABF Datasheet HTML 229Page - Texas Instruments DM505LRBABF Datasheet HTML 230Page - Texas Instruments DM505LRBABF Datasheet HTML 231Page - Texas Instruments DM505LRBABF Datasheet HTML 232Page - Texas Instruments DM505LRBABF Datasheet HTML 233Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 295 page
background image
229
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
•
Maximize discharge time of 1st Stage Vout (VSYS_3V3 power rail = input voltage to SoC PMIC).
–
TI EVM and Reference Design Study SCHs and PDNs achieve this by opening an in-line load
switch immediately upon “PG_Status” low assertion in order to remove the SoC’s 3.3V IO load
current from VSYS_3V3. This will extend the VSYS_3V3 power rail’s discharge time in order to
maximize elapsed time for allowing SoC PMIC to execute a controlled and compliant power down
sequence. Care should be taken to either disable or isolate any additional peripheral components
that may be loading the VSYS_3V3 rail as well.
•
Sufficient bulk decoupling capacitance on the 1st Stage Vout (VSYS_3V3 per PDN) that allows for
desired 1.5 – 2ms elapsed time as described above.
–
TI EVM and Reference Design Study SCHs and PDNs achieve this by using 200uF of total
capacitance on VSYS_3V3. The 1st Stage Converter (i.e. LM536033-Q1) can typically drive a max
of 400uF to help extend VSYS_3V3 discharge time for a compliant SoC power down sequence.
•
Optimizing the 2nd Stage SoC PMIC’s OTP settings that determines SoC power up and down
sequences and total elapsed time needed for a controlled sequence.
–
TI EVM and Reference Design Study SCHs and PDNs achieve this by using optimized OTPs per
the SCH and components used. The definition of these OTPs is captured in the detailed timing
diagrams for both power up and down sequences. The PDN diagram typically shows a
recommended PMIC OTP ID based upon the SoC and DDR memory types.
7.3.8
Example PCB Design
The following sections describe an example PCB design and its resulting PDN performance for the
vdd_dspeve key processor power domain.
NOTE
Materials presented in this section are based on generic PDN analysis on PCB boards and
are not specific to systems integrating the Device.
7.3.8.1
Example Stack-up
Layer Assignments:
•
Layer Top: Signal and Segmented Power Plane
–
Processor and PMIC components placed on Top-side
•
Layer 2: Gnd Plane1
•
Layer 3: Signals
•
Layer n: Power Plane1
•
Layer n+1: Power Plane 2
•
Layer n+2: Signal
•
Layer n+3: Gnd Plane2
•
Layer Bottom: Signal and Segmented Power Planes
–
Decoupling caps, etc.
Via Technology: Through-hole
Copper Weight:
•
½ oz for all signal layers.
•
1-2oz for all power plane for improved PCB heat spreading.
7.3.8.2
vdd_dspeve Example Analysis
Maximum acceptable PCB resistance (Reff) between the PMIC and Processor input power balls should not
exceed 33mΩ per Table 7-3 and (7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com