Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 231 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 231 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 227Page - Texas Instruments DM505LRBABF Datasheet HTML 228Page - Texas Instruments DM505LRBABF Datasheet HTML 229Page - Texas Instruments DM505LRBABF Datasheet HTML 230Page - Texas Instruments DM505LRBABF Datasheet HTML 231Page - Texas Instruments DM505LRBABF Datasheet HTML 232Page - Texas Instruments DM505LRBABF Datasheet HTML 233Page - Texas Instruments DM505LRBABF Datasheet HTML 234Page - Texas Instruments DM505LRBABF Datasheet HTML 235Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 295 page
background image
231
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
Table 7-8. DCap Scheme
Vaule [uF]
Size
Qty
Capacitance [uF]
Cap Type: Automotive GCM series, X7R
22
1206
1
22
4.7
805
1
4.7
2.2
603
1
2.2
1
603
1
1
0.47
603
1
0.47
0.22
603
1
0.22
0.1
402
6
0.6
Totals
12
31.19
IR Drop: vdd_dspeve
Figure 7-16. vdd_dspeve Voltage/IR Drop [All Layers]
Dynamic analysis of this PCB design for the CORE power domain determined the vdd_dspeve decoupling
capacitor loop inductance and impedance vs frequency analysis shown below. As you can see, the loop
inductance values ranged from 0.68 –1.79nH and were less than maximum 2.0nH recommended.
Table 7-9. Decoupling Design Detail Summary
Cap Reference
Description
Loop Inductacne at
50MHz [nH]
Footprint Types
PCB Side
Distance to
Ball-Field [mils]
Value
Size
C5101
0.73
2vWEE
Bottom
82
0.1
0402
C5100
0.78
2vWEE
Bottom
107
0.1
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com