Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 233 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 233 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 229Page - Texas Instruments DM505LRBABF Datasheet HTML 230Page - Texas Instruments DM505LRBABF Datasheet HTML 231Page - Texas Instruments DM505LRBABF Datasheet HTML 232Page - Texas Instruments DM505LRBABF Datasheet HTML 233Page - Texas Instruments DM505LRBABF Datasheet HTML 234Page - Texas Instruments DM505LRBABF Datasheet HTML 235Page - Texas Instruments DM505LRBABF Datasheet HTML 236Page - Texas Instruments DM505LRBABF Datasheet HTML 237Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 295 page
background image
W
D+
S = 2 W = 200 µm
SPRS91v_PCB_SE_GND_01
233
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
7.4
Single-Ended Interfaces
7.4.1
General Routing Guidelines
The following paragraphs detail the routing guidelines that must be observed when routing the various
functional LVCMOS interfaces.
•
Line spacing:
–
For a line width equal to W, the spacing between two lines must be 2W, at least. This minimizes the
crosstalk between switching signals between the different lines. On the PCB, this is not achievable
everywhere (for example, when breaking signals out from the device package), but it is
recommended to follow this rule as much as possible. When violating this guideline, minimize the
length of the traces running parallel to each other (see Figure 7-18).
Figure 7-18. Ground Guard Illustration
•
Length matching (unless otherwise specified):
–
For bus or traces at frequencies less than 10 MHz, the trace length matching (maximum length
difference between the longest and the shortest lines) must be less than 25 mm.
–
For bus or traces at frequencies greater than 10 MHz, the trace length matching (maximum length
difference between the longest and the shortest lines) must be less than 2.5 mm.
•
Characteristic impedance
–
Unless
otherwise
specified,
the
characteristic
impedance
for
single-ended
interfaces
is
recommended to be between 35-Ω and 65-Ω.
•
Multiple peripheral support
–
For interfaces where multiple peripherals have to be supported in the star topology, the length of
each branch has to be balanced. Before closing the PCB design, it is highly recommended to verify
signal integrity based on simulations including actual PCB extraction.
7.4.2
QSPI Board Design and Layout Guidelines
The following section details the routing guidelines that must be observed when routing the QSPI
interfaces.
7.4.2.1
If QSPI is operated in Mode 0 (POL=0, PHA=0):
•
The qspi1_sclk output signal must be looped back into the qspi1_rtclk input.
•
The signal propagation delay from the qspi1_sclk ball to the QSPI device CLK input pin (A to C) must
be approximately equal to the signal propagation delay from the QSPI device CLK pin to the
qspi1_rtclk ball (C to D).
•
The signal propagation delay from the QSPI device CLK pin to the qspi1_rtclk ball (C to D) must be
approximately equal to the signal propagation delay of the control and data signals between the QSPI
device and the SoC device (E to F, or F to E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com