Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 237 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 237 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 233Page - Texas Instruments DM505LRBABF Datasheet HTML 234Page - Texas Instruments DM505LRBABF Datasheet HTML 235Page - Texas Instruments DM505LRBABF Datasheet HTML 236Page - Texas Instruments DM505LRBABF Datasheet HTML 237Page - Texas Instruments DM505LRBABF Datasheet HTML 238Page - Texas Instruments DM505LRBABF Datasheet HTML 239Page - Texas Instruments DM505LRBABF Datasheet HTML 240Page - Texas Instruments DM505LRBABF Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 295 page
background image
Device
rtc_osc_xo
rtc_osc_xi_clkin32
C
f1
Crystal
Rd
C
f2
(Optional)
SPRS91v_PCB_CLK_OSC_02
237
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
Table 7-11. Length Mismatch Guidelines for CSI-2 (1.5 Gbps)
PARAMETER
TYPICAL VALUE
UNIT
Operating speed
1500
Mbps
UI (bit time)
667
ps
Intralane skew
Have to satisfy mode-conversion S parameters(1)
Interlane skew (UI / 50)
13.34
ps
PCB lane-to-lane skew (0.1 UI)
66.7
ps
(1) sdc12, scd21, scd12, sdc21, scd11, sdc11, scd22, and sdc22
7.5.2.1.3 Frequency-domain Specification Guidelines
After the PCB design is finished, the S-parameters of the PCB differential lines will be extracted with a 3D
Maxwell Equation Solver such as the high-frequency structure simulator (HFSS) or equivalent, and
compared to the frequency-domain specification as defined in the section 7 of the MIPI Alliance
Specification for D-PHY Version v1-01-00_r0-03.
If the PCB lines satisfy the frequency-domain specification, the design is finished. Otherwise, the design
needs to be improved.
7.6
Clock Routing Guidelines
7.6.1
Oscillator Ground Connection
Although the impedance of a ground plane is low it is, of course, not zero. Therefore, any noise current in
the ground plane causes a voltage drop in the ground. Figure 7-21 shows the grounding scheme for slow
(low frequency) clock generated from the internal oscillator.
Figure 7-21. Grounding Scheme for Low-Frequency Clock
Figure 7-22 shows the grounding scheme for high-frequency clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com