Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 241 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 241 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 237Page - Texas Instruments DM505LRBABF Datasheet HTML 238Page - Texas Instruments DM505LRBABF Datasheet HTML 239Page - Texas Instruments DM505LRBABF Datasheet HTML 240Page - Texas Instruments DM505LRBABF Datasheet HTML 241Page - Texas Instruments DM505LRBABF Datasheet HTML 242Page - Texas Instruments DM505LRBABF Datasheet HTML 243Page - Texas Instruments DM505LRBABF Datasheet HTML 244Page - Texas Instruments DM505LRBABF Datasheet HTML 245Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 295 page
background image
241
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
7.7.3.2
Compatible JEDEC LPDDR2 Devices
Table 7-14 shows the supported LPDDR2 device configurations which are compatible with this interface.
Table 7-14. Compatible JEDEC LPDDR2 Devices (Per Interface)
NO.
PARAMETER
CONDITION
MIN
MAX
UNIT
1
JEDEC LPDDR2 device speed grade
tc(DDR_CK) and tc(DDR_NCK)
LPDDR2-667
2
JEDEC LPDDR2 device bit width
x16
x32
Bits
3
JEDEC LPDDR2 device count
1
1
Devices
7.7.3.3
LPDDR2 PCB Stackup
Table 7-15 shows the minimum stackup requirements. Additional layers may be added to the PCB
stackup to accommodate other circuitry, enhance signal integrity and electromagnetic interference
performance, or to reduce the size of the PCB footprint.
Table 7-15. Six-Layer PCB Stackup Suggestion
LAYER
TYPE
DESCRIPTION
1
Signal
Top signal routing
2
Plane
Ground
3
Signal
Signal routing
4
Plane
Split power plane
5
Plane
Ground
6
Signal
Bottom signal routing
PCB stackup specifications for LPDDR2 interface are listed in Table 7-16.
Table 7-16. PCB Stackup Specifications
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
PCB routing and plane layers
6
2
Signal routing layers
3
3
Full ground reference layers under LPDDR2 routing region(1)
1
4
Full vdds_ddr power reference layers under the LPDDR2 routing region(1)
1
5
Number of reference plane cuts allowed within LPDDR2 routing region(2)
0
6
Number of layers between LPDDR2 routing layer and reference plane(3)
0
7
PCB routing feature size
4
mils
8
PCB trace width, w
4
mils
9
PCB BGA escape via pad size(4)
18
20
mils
10
PCB BGA escape via hole size
8
mils
11
Single-ended impedance, Zo(5)
50
75
Ω
12
Impedance control(6)(7)
Zo-5
Zo
Zo+5
Ω
(1) Ground reference layers are preferred over power reference layers. Be sure to include bypass caps to accommodate reference layer
return current as the trace routes switch routing layers.
(2) No traces should cross reference plane cuts within the LPDDR2 routing region. High-speed signal traces crossing reference plane cuts
create large return current paths which can lead to excessive crosstalk and EMI radiation.
(3) Reference planes are to be directly adjacent to the signal plane to minimize the size of the return current loop.
(4) An 18-mil pad assumes Via Channel is the most economical BGA escape. A 20-mil pad may be used if additional layers are available
for power routing. An 18-mil pad is required for minimum layer count escape.
(5) Zo is the nominal singled-ended impedance selected for the PCB.
(6) This parameter specifies the AC characteristic impedance tolerance for each segment of a PCB signal trace relative to the chosen Zo
defined by the single-ended impedance parameter.
(7) Tighter impedance control is required to ensure flight time skew is minimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com