Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 238 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 238 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 234Page - Texas Instruments DM505LRBABF Datasheet HTML 235Page - Texas Instruments DM505LRBABF Datasheet HTML 236Page - Texas Instruments DM505LRBABF Datasheet HTML 237Page - Texas Instruments DM505LRBABF Datasheet HTML 238Page - Texas Instruments DM505LRBABF Datasheet HTML 239Page - Texas Instruments DM505LRBABF Datasheet HTML 240Page - Texas Instruments DM505LRBABF Datasheet HTML 241Page - Texas Instruments DM505LRBABF Datasheet HTML 242Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 295 page
background image
ddr1_ck
1
ddr1_nck
SPRS917_LPDDR2_01
xi_oscj
vssa_oscj
Device
xo_oscj
C
f1
Crystal
Rd
C
f2
(Optional)
SPRS91v_PCB_CLK_OSC_03
238
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
(1)
j in *_osc = 0 or 1
Figure 7-22. Grounding Scheme for High-Frequency Clock
7.7
LPDDR2 Board Design and Layout Guidelines
7.7.1
LPDDR2 Board Designs
TI only supports board designs using LPDDR2 memory that follow the guidelines in this document. The
switching characteristics and timing diagram for the LPDDR2 memory interface are shown in Table 7-12
and Figure 7-23.
Table 7-12. Switching Characteristics for LPDDR2 Memory Interface
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(DDR_CK)
Cycle time, ddr1_ck and ddr1_nck
7.52
3.00(1)
ns
(1) The JEDEC JESD209-2F standard defines the maximum clock period of 100 ns for all standard-speed bin LPDDR2 memory. The
device has only been tested per the limits published in this table.
Figure 7-23. LPDDR2 Memory Interface Clock Timing
7.7.2
LPDDR2 Device Configurations
There is signal device configuration supported, supporting either 32b or 16b data widths. Table 7-13 lists
all the supported configuration.
Table 7-13. Supported LPDDR2 Device Combinations
NUMBER OF LPDDR2
DEVICES
LPDDR2 DEVICE WIDTH (BITS)
MIRRORED?
LPDDR2 EMIF WIDTH (BITS)
1
32 / 16
N
32 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com