Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 242 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 242 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 238Page - Texas Instruments DM505LRBABF Datasheet HTML 239Page - Texas Instruments DM505LRBABF Datasheet HTML 240Page - Texas Instruments DM505LRBABF Datasheet HTML 241Page - Texas Instruments DM505LRBABF Datasheet HTML 242Page - Texas Instruments DM505LRBABF Datasheet HTML 243Page - Texas Instruments DM505LRBABF Datasheet HTML 244Page - Texas Instruments DM505LRBABF Datasheet HTML 245Page - Texas Instruments DM505LRBABF Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 295 page
background image
LPDDR2
ADDT_CTRL
LPDDR2
DATA
SPRS917_LPDDR2_05
LPDDR2 Keepout Region
Encompasses Entire
LPDDR2 Routing Area
Y
X1
SPRS917_LPDDR2_04
LPDDR2
DATA
LPDDR2
ADDT_CTRL
242
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
7.7.3.4
LPDDR2 Placement
Figure 7-25 shows the placement rules for the device as well as the LPDDR2 memory device. Placement
restrictions are provided as a guidance to restrict maximum trace lengths and allow for proper routing
space.
Figure 7-25. Placement Specifications
Table 7-17. Placement Specifications(1)
NO.
PARAMETER
MIN
MAX
UNIT
1
X1 Offset(2)(3)
900
mils
2
Y Offset
200
mils
3
Clearance from non-LPDDR2 signal to LPDDR2 keepout region(4)(5)
4
w
(1) LPDDR2 keepout region to encompass entire LPDDR2 routing area.
(2) Measurements from center of device to center of LPDDR2 device.
(3) Minimizing X1 and Y improves timing margins.
(4) w is defined as the signal trace width.
(5) Non-LPDDR2 signals allowed within LPDDR2 keepout region provided they are separated from LPDDR2 routing layers by a ground
plane.
7.7.3.5
LPDDR2 Keepout Region
The region of the PCB used for LPDDR2 circuitry must be isolated from other signals. The LPDDR2
keepout region is defined for this purpose and is shown in Figure 7-26. This region should encompass all
LPDDR2 circuitry and the region size varies with component placement and LPDDR2 routing. Non-
LPDDR2 signals should not be routed on the same signal layer as LPDDR2 signals within the LPDDR2
keepout region. Non-LPDDR2 signals may be routed in the region provided they are routed on layers
separated from LPDDR2 signal layers by a ground layer. No breaks should be allowed in the reference
ground or vdds_ddr power plane in this region. In addition, the vdds_ddr power plane should cover the
entire keepout region.
Figure 7-26. LPDDR2 Keepout Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com