Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 243 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 243 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 239Page - Texas Instruments DM505LRBABF Datasheet HTML 240Page - Texas Instruments DM505LRBABF Datasheet HTML 241Page - Texas Instruments DM505LRBABF Datasheet HTML 242Page - Texas Instruments DM505LRBABF Datasheet HTML 243Page - Texas Instruments DM505LRBABF Datasheet HTML 244Page - Texas Instruments DM505LRBABF Datasheet HTML 245Page - Texas Instruments DM505LRBABF Datasheet HTML 246Page - Texas Instruments DM505LRBABF Datasheet HTML 247Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 295 page
background image
243
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
7.7.3.6
LPDDR2 Net Classes
Table 7-18. Clock Net Class Definitions for the LPDDR2 Interface
CLOCK NET CLASS
PIN NAMES
CK
ddr1_ck and ddr1_nck
DQS0
ddr1_dqs0 and ddr1_dqsn0
DQS1
ddr1_dqs1 and ddr1_dqsn1
DQS2
ddr1_dqs2 and ddr1_dqsn2
DQS3
ddr1_dqs3 and ddr1_dqsn3
Table 7-19. Signal Net Class and Associated Clock Net Class for LPDDR2 Interface
SIGNAL NET CLASS
ASSOCIATED CLOCK
NET CLASS
BALL NAMES
ADDR_CTRL
CK
ddr1_ba[2:0], ddr1_csn0, ddr1_cke0, ddr1_rasn, ddr1_casn, ddr1_wen,
ddr1_a1, ddr1_a2, dr1_a10, ddr1_a13
DQ0
DQS0
ddr1_d[7:0], ddr1_dqm0, ddr1_dqs0, ddr1_dqsn0 (1)
DQ1
DQS1
ddr1_d[15:8], ddr1_dqm1, ddr1_dqs1, ddr1_dqsn1 (1)
DQ2
DQS2
ddr1_d[23:16], ddr1_dqm2, ddr1_dqs2, ddr1_dqsn2 (1)
DQ3
DQS3
ddr1_d[31:24], ddr1_dqm3, ddr1_dqs3, ddr1_dqsn3 (1)
(1) DQ data class includes DQS/N pins
7.7.3.7
LPDDR2 Signal Termination
On-device termination (ODT) is available for DQ[3:0] signal net classes, but is not specifically required for
normal operation. System designers may evaluate the need for additional series termination if required
based on signal integrity, EMI and overshoot/undershoot reduction.
On board series termination is recommended for all ADDR_CTRL and CK class signals. It is
recommended a resistor with value of 10
Ω to be placed close to the DM50x source pin (within 350 mils).
On board series termination is recommended for all DQx and DQSx class signals. It is recommended a
resistor with value of 22
Ω to be placed close to the DM50x source pin (within 500 mils).
7.7.3.8
LPDDR2 DDR_VREF Routing
DDR_VREF is the reference voltage for the input buffers on the LPDDR2 memory. DDR_VREF is
intended to be half the LPDDR2 power supply voltage and is typically generated with a voltage divider
connected to the VDDS_DDR power supply. It should be routed as a nominal 20-mil wide trace with 0.1-
µF bypass capacitors near each device connection. Narrowing of DDR_VREF is allowed to accommodate
routing congestion.
7.7.4
Routing Specification
7.7.4.1
DQS[x] and DQ[x] Routing Specification
DQS[x] lines are point-to-point differential and DQ[x] lines are point-to-point single ended. Figure 7-27 and
Figure 7-28 represent the supported topologies. Figure 7-29 and Figure 7-30 show the DQS[x] and DQ[x]
routing. Figure 7-31 shows the DQLM for the LPDDR2 interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com