Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 247 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 247 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 243Page - Texas Instruments DM505LRBABF Datasheet HTML 244Page - Texas Instruments DM505LRBABF Datasheet HTML 245Page - Texas Instruments DM505LRBABF Datasheet HTML 246Page - Texas Instruments DM505LRBABF Datasheet HTML 247Page - Texas Instruments DM505LRBABF Datasheet HTML 248Page - Texas Instruments DM505LRBABF Datasheet HTML 249Page - Texas Instruments DM505LRBABF Datasheet HTML 250Page - Texas Instruments DM505LRBABF Datasheet HTML 251Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 295 page
background image
CACLMY
CACLMX
CACLM = CACLMX + CACLMY
LPDDR2
interface
SPRS917_LPDDR2_15
247
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
CACLM is the longest Manhattan distance of the CK/ADDR_CTRL signal class.
Figure 7-36. CACLM for LPDDR2 Interface
Trace routing specifications for the CK and the ADD_CTRL are specified in Table 7-21.
Table 7-21. CK and ADDR_CTRL Routing Specification
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
CK and ADDR_CTRL nominal trace length(1)
CACLM
mils
2
ADDR_CTRL skew
20
ps
3
CK skew
5
ps
4
Via count per each trace ADDR_CTRL, CK
2
5
Via count difference across ADDR_CTRL, CK
0
6
ADDR_CTRL-to-CK skew
20
ps
7
Center-to-center ADDR_CTRL to other LPDDR2 trace spacing(2)(3)
4
w
8
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(2)
3
w
9
CK center-to-center spacing(4)
10
CK center-to-center spacing to other net(2)
4
w
(1) CACLM is the longest Manhattan distance of ADDR_CTRL and CK.
(2) Center-to-center spacing is allowed to fall to minimum for up to 1000 mils of routed length.
(3) Other LPDDR2 trace spacing means signals that are not part of the same CK, ADDR_CTRL signal net class.
(4) CK pair spacing is set to ensure proper differential impedance. Differential impedance should be Zo x 2, where Zo is the single ended
impedance.
7.8
DDR2 Board Design and Layout Guidelines
7.8.1
DDR2 General Board Layout Guidelines
To help ensure good signaling performance, consider the following board design guidelines:
•
Avoid crossing splits in the power plane.
•
Minimize Vref noise.
•
Use the widest trace that is practical between decoupling capacitors and memory module.
•
Maintain a single reference.
•
Minimize ISI by keeping impedances matched.
•
Minimize crosstalk by isolating sensitive bits, such as strobes, and avoiding return path discontinuities.
•
Use proper low-pass filtering on the Vref pins.
•
Keep the stub length as short as possible.
•
Add additional spacing for on-clock and strobe nets to eliminate crosstalk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com