Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 248 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 248 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 244Page - Texas Instruments DM505LRBABF Datasheet HTML 245Page - Texas Instruments DM505LRBABF Datasheet HTML 246Page - Texas Instruments DM505LRBABF Datasheet HTML 247Page - Texas Instruments DM505LRBABF Datasheet HTML 248Page - Texas Instruments DM505LRBABF Datasheet HTML 249Page - Texas Instruments DM505LRBABF Datasheet HTML 250Page - Texas Instruments DM505LRBABF Datasheet HTML 251Page - Texas Instruments DM505LRBABF Datasheet HTML 252Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 295 page
background image
ddrx_ck
1
PCB_DDR2_0
248
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
•
Maintain a common ground reference for all bypass and decoupling capacitors.
•
Take into account the differences in propagation delays between microstrip and stripline nets when
evaluating timing constraints.
7.8.2
DDR2 Board Design and Layout Guidelines
7.8.2.1
Board Designs
TI only supports board designs that follow the guidelines outlined in this document. The switching
characteristics and the timing diagram for the DDR2 memory controller are shown in Table 7-22 and
Figure 7-37.
Table 7-22. Switching Characteristics Over Recommended Operating Conditions for DDR2 Memory
Controller
NO.
PARAMETE
R
DESCRIPTION
MIN
MAX
UNIT
DDR21
tc(DDR_CLK)
Cycle time, DDR_CLK
2.5
8
ns
Figure 7-37. DDR2 Memory Controller Clock Timing
7.8.2.2
DDR2 Interface
This section provides the timing specification for the DDR2 interface as a PCB design and manufacturing
specification. The design rules constrain PCB trace length, PCB trace skew, signal integrity, cross-talk,
and signal timing. These rules, when followed, result in a reliable DDR2 memory system without the need
for a complex timing closure process. For more information regarding the guidelines for using this DDR2
specification, see the Understanding TI’s PCB Routing Rule-Based DDR Timing Specification Application
Report (Literature Number: SPRAAV0).
7.8.2.2.1 DDR2 Interface Schematic
Figure 7-38 shows the DDR2 interface schematic for a x32 DDR2 memory system. In Figure 7-39 the x16
DDR2 system schematic is identical except that the high-word DDR2 device is deleted.
When not using all or part of a DDR2 interface, the proper method of handling the unused pins is to tie off
the ddrx_dqsi pins to ground via a 1k-Ω resistor and to tie off the ddrx_dqsni pins to the corresponding
vdds_ddrx supply via a 1k-Ω resistor. This needs to be done for each byte not used. The vdds_ddrx and
ddrx_vref0 power supply pins need to be connected to their respective power supplies even if DDRx is not
being used. All other DDR interface pins can be left unconnected. Note that the supported modes for use
of the DDR EMIF are 32-bits wide, 16-bits wide, or not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com