Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 252 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 252 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 248Page - Texas Instruments DM505LRBABF Datasheet HTML 249Page - Texas Instruments DM505LRBABF Datasheet HTML 250Page - Texas Instruments DM505LRBABF Datasheet HTML 251Page - Texas Instruments DM505LRBABF Datasheet HTML 252Page - Texas Instruments DM505LRBABF Datasheet HTML 253Page - Texas Instruments DM505LRBABF Datasheet HTML 254Page - Texas Instruments DM505LRBABF Datasheet HTML 255Page - Texas Instruments DM505LRBABF Datasheet HTML 256Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 295 page
background image
252
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
Complete stackup specifications are provided in Table 7-25.
Table 7-25. PCB Stackup Specifications
NO.
PARAMETER
MIN
TYP
MAX
UNIT
PS21
PCB routing/plane layers
6
PS22
Signal routing layers
3
PS23
Full ground reference layers under DDR2 routing region(1)
1
PS24
Full vdds_ddrx power reference layers under the DDR2 routing
region(1)
1
PS25
Number of reference plane cuts allowed within DDR routing region(2)
0
PS26
Number of layers between DDR2 routing layer and reference plane(3)
0
PS27
PCB routing feature size
4
Mils
PS28
PCB trace width, w
4
Mils
PS29
Single-ended impedance, Zo
50
75
Ω
PS210
Impedance control(4)
Z-5
Z
Z+5
Ω
(1) Ground reference layers are preferred over power reference layers. Be sure to include bypass caps to accommodate reference layer
return current as the trace routes switch routing layers. A full ground reference layer should be placed adjacent to each DDR routing
layer in PCB stack up.
(2) No traces should cross reference plane cuts within the DDR routing region. High-speed signal traces crossing reference plane cuts
create large return current paths which can lead to excessive crosstalk and EMI radiation.
(3) Reference planes are to be directly adjacent to the signal plane to minimize the size of the return current loop.
(4) Z is the nominal singled-ended impedance selected for the PCB specified by PS29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com