Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 253 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 253 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 249Page - Texas Instruments DM505LRBABF Datasheet HTML 250Page - Texas Instruments DM505LRBABF Datasheet HTML 251Page - Texas Instruments DM505LRBABF Datasheet HTML 252Page - Texas Instruments DM505LRBABF Datasheet HTML 253Page - Texas Instruments DM505LRBABF Datasheet HTML 254Page - Texas Instruments DM505LRBABF Datasheet HTML 255Page - Texas Instruments DM505LRBABF Datasheet HTML 256Page - Texas Instruments DM505LRBABF Datasheet HTML 257Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 295 page
background image
X1
Y1
PCB_DDR2_3
DDR2 Controller
A1
DDR2
Memory
253
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
7.8.2.2.4 Placement
Figure 7-40 shows the required placement for the Device as well as the DDR2 devices. The dimensions
for this figure are defined in Table 7-26. The placement does not restrict the side of the PCB on which the
devices are mounted. The ultimate purpose of the placement is to limit the maximum trace lengths and
allow for proper routing space. For a 16-bit DDR memory system, the high-word DDR2 device is omitted
from the placement.
Figure 7-40. Device and DDR2 Device Placement
Table 7-26. Placement Specifications DDR2
NO.
PARAMETER
MIN
MAX
UNIT
KOD21
X1
1100
Mils
KOD22
Y1
500
Mils
KOD24
DDR2 keepout region (1)
KOD25
Clearance from non-DDR2 signal to DDR2 keepout region (2) (3)
4
W
(1) DDR2 keepout region to encompass entire DDR2 routing area.
(2) Non-DDR2 signals allowed within DDR2 keepout region provided they are separated from DDR2 routing layers by a ground plane.
(3) If a device has more than one DDR controller, the signals from the other controller(s) are considered non-DDR2 and should be
separated by this specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com