Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 257 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 257 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 253Page - Texas Instruments DM505LRBABF Datasheet HTML 254Page - Texas Instruments DM505LRBABF Datasheet HTML 255Page - Texas Instruments DM505LRBABF Datasheet HTML 256Page - Texas Instruments DM505LRBABF Datasheet HTML 257Page - Texas Instruments DM505LRBABF Datasheet HTML 258Page - Texas Instruments DM505LRBABF Datasheet HTML 259Page - Texas Instruments DM505LRBABF Datasheet HTML 260Page - Texas Instruments DM505LRBABF Datasheet HTML 261Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 295 page
background image
PCB_DDR2_6
DDR2 Controller
A’
PCB_DDR2_5
DDR2 Controller
VREF Bypass Capacitor
Neck down to minimum in BGA escape
regions is acceptable. Narrowing to
accomodate via congestion for short
distances is also acceptable. Best
performance is obtained if the width
of VREF is maximized.
VREF Nominal Max Trace
width is 20 mils
1 K Ω 1%
vdds_ddrx
(A)
VREF
0.1 µF
0.1 µF
1 K Ω 1%
A. vdds_ddrx is the power supply for the DDR2 memories and the Device DDR2 interface.
257
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
Figure 7-42. VREF Routing and Topology
7.8.2.3
DDR2 CK and ADDR_CTRL Routing
Figure 7-43 shows the topology of the routing for the CK and ADDR_CTRL net classes. The route is a
point to point connection with required skew matching.
Figure 7-43. CK and ADDR_CTRL Routing and Topology
Table 7-32. CK and ADDR_CTRL Routing Specification
NO.
PARAMETER
MIN
MAX
UNIT
RSC21
Center-to-center ddrx_ck - ddrx_nck spacing
2w
RSC22
ddrx_ck / ddrx_nck skew
5
ps
RSC25
Center-to-center CK to other DDR2 trace spacing(2)
4w
RSC26
CK/ADDR_CTRL trace length(3)
680
ps
RSC27
ADDR_CTRL-to-CK skew mismatch
25
ps
RSC28
ADDR_CTRL-to-ADDR_CTRL skew mismatch
25
ps
RSC29
Center-to-center ADDR_CTRL to other DDR2 trace spacing(2)
4w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com