Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 258 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 258 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 254Page - Texas Instruments DM505LRBABF Datasheet HTML 255Page - Texas Instruments DM505LRBABF Datasheet HTML 256Page - Texas Instruments DM505LRBABF Datasheet HTML 257Page - Texas Instruments DM505LRBABF Datasheet HTML 258Page - Texas Instruments DM505LRBABF Datasheet HTML 259Page - Texas Instruments DM505LRBABF Datasheet HTML 260Page - Texas Instruments DM505LRBABF Datasheet HTML 261Page - Texas Instruments DM505LRBABF Datasheet HTML 262Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 295 page
background image
PCB_DDR2_7
DDR2 Controller
E0
E1
E2
E3
258
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
Table 7-32. CK and ADDR_CTRL Routing Specification (continued)
NO.
PARAMETER
MIN
MAX
UNIT
RSC210
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(2)
3w
(1) Series terminator, if used, should be located closest to the Device.
(2) Center-to-center spacing is allowed to fall to minimum 2w for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(3) This is the longest routing length of the CK and ADDR_CTRL net classes.
Figure 7-44 shows the topology and routing for the DQS and DQ net classes; the routes are point to point.
Skew matching across bytes is not needed nor recommended. The termination resistor should be placed
near the processor.
Figure 7-44. DQS and DQ Routing and Topology
Table 7-33. DQS and DQ Routing Specification
NO.
PARAMETER
MIN
MAX
UNIT
RSDQ21
Center-to-center DQS-DQSn spacing in E0|E1|E2|E3
2w
RSDQ22
DQS-DQSn skew in E0|E1|E2|E3
5
ps
RSDQ23
Center-to-center DQS to other DDR2 trace spacing(1)
4w
RSDQ24
DQS/DQ trace length (2)(3)(4)
325
ps
RSDQ25
DQ-to-DQS skew mismatch(2)(3)(4)
10
ps
RSDQ26
DQ-to-DQ skew mismatch(2)(3)(4)
10
ps
RSDQ27
DQ-to-DQ/DQS via count mismatch(2)(3)(4)
1
Vias
RSDQ28
Center-to-center DQ to other DDR2 trace spacing(1)(5)
4w
RSDQ29
Center-to-center DQ to other DQ trace spacing(1)(6)(7)
3w
RSDQ210
DQ/DQS E skew mismatch(2)(3)(4)
25
ps
(1) Center-to-center spacing is allowed to fall to minimum 2w for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(2) A 16-bit DDR memory system has two sets of data net classes; one for data byte 0, and one for data byte 1, each with an associated
DQS (2 DQSs) per DDR EMIF used.
(3) A 32-bit DDR memory system has four sets of data net classes; one each for data bytes 0 through 3, and each associated with a DQS
(4 DQSs) per DDR EMIF used.
(4) There is no need, and it is not recommended, to skew match across data bytes; that is, from DQS0 and data byte 0 to DQS1 and data
byte1.
(5) DQs from other DQS domains are considered other DDR2 trace.
(6) DQs from other data bytes are considered other DDR2 trace.
(7) This is the longest routing distance of each of the DQS and DQ net classes.
7.9
DDR3 Board Design and Layout Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com