Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 262 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 262 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 258Page - Texas Instruments DM505LRBABF Datasheet HTML 259Page - Texas Instruments DM505LRBABF Datasheet HTML 260Page - Texas Instruments DM505LRBABF Datasheet HTML 261Page - Texas Instruments DM505LRBABF Datasheet HTML 262Page - Texas Instruments DM505LRBABF Datasheet HTML 263Page - Texas Instruments DM505LRBABF Datasheet HTML 264Page - Texas Instruments DM505LRBABF Datasheet HTML 265Page - Texas Instruments DM505LRBABF Datasheet HTML 266Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 295 page
background image
262
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
7.9.2.4
Compatible JEDEC DDR3 Devices
Table 7-36 shows the parameters of the JEDEC DDR3 devices that are compatible with this interface.
Generally, the DDR3 interface is compatible with DDR3-1066 devices in the x8 or x16 widths.
Table 7-36. Compatible JEDEC DDR3 Devices
N
O.
PARAMETER
CONDITION
MIN
MAX
UNIT
1
JEDEC DDR3 device speed grade(1)
DDR clock rate = 400MHz
DDR3-800
DDR3-1600
400MHz< DDR clock rate
≤ 533MHz
DDR3-1066
DDR3-1600
2
JEDEC DDR3 device bit width
x8
x16
Bits
3
JEDEC DDR3 device count(2)
1
3
Devices
(1) Refer to Table 7-34 Switching Characteristics Over Recommended Operating Conditions for DDR3 Memory Controller for the range of
supported DDR clock rates.
(2) For valid DDR3 device configurations and device counts, see Table 7-35 DDR3 Device Combinations.
7.9.2.5
PCB Stackup
The minimum stackup for routing the DDR3 interface is a six-layer stack up as shown in Table 7-37.
Additional layers may be added to the PCB stackup to accommodate other circuitry, enhance SI/EMI
performance, or to reduce the size of the PCB footprint. Complete stackup specifications are provided in
Table 7-38.
Table 7-37. Six-Layer PCB Stackup Suggestion
LAYER
TYPE
DESCRIPTION
1
Signal
Top routing mostly vertical
2
Plane
Ground
3
Plane
Split power plane
4
Plane
Split power plane or Internal routing
5
Plane
Ground
6
Signal
Bottom routing mostly horizontal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com