Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 263 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 263 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 259Page - Texas Instruments DM505LRBABF Datasheet HTML 260Page - Texas Instruments DM505LRBABF Datasheet HTML 261Page - Texas Instruments DM505LRBABF Datasheet HTML 262Page - Texas Instruments DM505LRBABF Datasheet HTML 263Page - Texas Instruments DM505LRBABF Datasheet HTML 264Page - Texas Instruments DM505LRBABF Datasheet HTML 265Page - Texas Instruments DM505LRBABF Datasheet HTML 266Page - Texas Instruments DM505LRBABF Datasheet HTML 267Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 295 page
background image
SPRS91v_PCB_DDR3_04
x1
y2
y2
DDR3
Controller
Three Devices
263
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
Table 7-38. PCB Stackup Specifications
NO.
PARAMETER
MIN
TYP
MAX
UNIT
PS1
PCB routing/plane layers
6
PS2
Signal routing layers
3
PS3
Full ground reference layers under DDR3 routing region(1)
1
PS4
Full 1.5-V power reference layers under the DDR3 routing region(1)
1
PS5
Number of reference plane cuts allowed within DDR routing region(2)
0
PS6
Number of layers between DDR3 routing layer and reference plane(3)
0
PS7
PCB routing feature size
4
Mils
PS8
PCB trace width, w
4
Mils
PS9
Single-ended impedance, Zo
50
75
Ω
PS10
Impedance control(5)
Z-5
Z
Z+5
Ω
(1) Ground reference layers are preferred over power reference layers. Be sure to include bypass caps to accommodate reference layer
return current as the trace routes switch routing layers.
(2) No traces should cross reference plane cuts within the DDR routing region. High-speed signal traces crossing reference plane cuts
create large return current paths which can lead to excessive crosstalk and EMI radiation.
(3) Reference planes are to be directly adjacent to the signal plane to minimize the size of the return current loop.
(4) An 18-mil pad assumes Via Channel is the most economical BGA escape. A 20-mil pad may be used if additional layers are available
for power routing. An 18-mil pad is required for minimum layer count escape.
(5) Z is the nominal singled-ended impedance selected for the PCB specified by PS9.
7.9.2.6
Placement
Figure 7-47 shows the required placement for the processor as well as the DDR3 devices. The
dimensions for this figure are defined in Table 7-39. The placement does not restrict the side of the PCB
on which the devices are mounted. The ultimate purpose of the placement is to limit the maximum trace
lengths and allow for proper routing space. For a 16-bit DDR memory system, the high-word DDR3
devices are omitted from the placement.
Figure 7-47. Placement Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com