Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 267 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 267 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 263Page - Texas Instruments DM505LRBABF Datasheet HTML 264Page - Texas Instruments DM505LRBABF Datasheet HTML 265Page - Texas Instruments DM505LRBABF Datasheet HTML 266Page - Texas Instruments DM505LRBABF Datasheet HTML 267Page - Texas Instruments DM505LRBABF Datasheet HTML 268Page - Texas Instruments DM505LRBABF Datasheet HTML 269Page - Texas Instruments DM505LRBABF Datasheet HTML 270Page - Texas Instruments DM505LRBABF Datasheet HTML 271Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 295 page
background image
267
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
7.9.2.9.1 Return Current Bypass Capacitors
Use additional bypass capacitors if the return current reference plane changes due to DDR3 signals
hopping from one signal layer to another. The bypass capacitor here provides a path for the return current
to hop planes along with the signal. As many of these return current bypass capacitors should be used as
possible. These are returns for signal current, the signal via size may be used for these capacitors.
7.9.2.10 Net Classes
Table 7-42 lists the clock net classes for the DDR3 interface. Table 7-43 lists the signal net classes, and
associated clock net classes, for signals in the DDR3 interface. These net classes are used for the
termination and routing rules that follow.
Table 7-42. Clock Net Class Definitions
CLOCK NET CLASS
processor PIN NAMES
CK
ddrx_ck/ddrx_nck
DQS0
ddrx_dqs0 / ddrx_dqsn0
DQS1
ddrx_dqs1 / ddrx_dqsn1
DQS2(1)
ddrx_dqs2 / ddrx_dqsn2
DQS3(1)
ddrx_dqs3 / ddrx_dqsn3
(1) Only used on 32-bit wide DDR3 memory systems.
Table 7-43. Signal Net Class Definitions
SIGNAL NET CLASS
ASSOCIATED CLOCK
NET CLASS
processor PIN NAMES
ADDR_CTRL
CK
ddrx_ba[2:0], ddrx_a[15:0], ddrx_csnj, ddrx_casn, ddrx_rasn, ddrx_wen,
ddrx_cke, ddrx_odti
DQ0
DQS0
ddrx_d[7:0], ddrx_dqm0
DQ1
DQS1
ddrx_d[15:8], ddrx_dqm1
DQ2(1)
DQS2
ddrx_d[23:16], ddrx_dqm2
DQ3(1)
DQS3
ddrx_d[31:24], ddrx_dqm3
(1) Only used on 32-bit wide DDR3 memory systems.
7.9.2.11 DDR3 Signal Termination
Signal terminators are required for the CK and ADDR_CTRL net classes. The data lines are terminated by
ODT and, thus, the PCB traces should be unterminated. Detailed termination specifications are covered in
the routing rules in the following sections.
7.9.2.12 VTT
Like VREF, the nominal value of the VTT supply is half the DDR3 supply voltage. Unlike VREF, VTT is
expected to source and sink current, specifically the termination current for the ADDR_CTRL net class
Thevinen terminators. VTT is needed at the end of the address bus and it should be routed as a power
sub-plane. VTT should be bypassed near the terminator resistors.
7.9.2.13 CK and ADDR_CTRL Topologies and Routing Definition
The CK and ADDR_CTRL net classes are routed similarly and are length matched to minimize skew
between them. CK is a bit more complicated because it runs at a higher transition rate and is differential.
The following subsections show the topology and routing for various DDR3 configurations for CK and
ADDR_CTRL. The figures in the following subsections define the terms for the routing specification
detailed in Table 7-44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com