Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 271 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 271 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 267Page - Texas Instruments DM505LRBABF Datasheet HTML 268Page - Texas Instruments DM505LRBABF Datasheet HTML 269Page - Texas Instruments DM505LRBABF Datasheet HTML 270Page - Texas Instruments DM505LRBABF Datasheet HTML 271Page - Texas Instruments DM505LRBABF Datasheet HTML 272Page - Texas Instruments DM505LRBABF Datasheet HTML 273Page - Texas Instruments DM505LRBABF Datasheet HTML 274Page - Texas Instruments DM505LRBABF Datasheet HTML 275Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 295 page
background image
A1
A2
Processor
Address and Control
Output Buffer
DDR Address and Control Input Buffers
A3
AT
Vtt
Address and Control
Terminator
Rtt
SPRS91v_PCB_DDR3_13
A1
A2
Processor
Differential Clock
Output Buffer
DDR Differential CK Input Buffers
Routed as Differential Pair
A3
AT
Rcp
Clock Parallel
Terminator
A1
A2
A3
AT
Rcp
Cac
DDR_1V5
0.1 µF
+
–
+ –
+ –
SPRS91v_PCB_DDR3_12
271
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
Figure 7-55. CK Topology for Two DDR3 Devices
Figure 7-56. ADDR_CTRL Topology for Two DDR3 Devices
7.9.2.13.2.2 CK and ADDR_CTRL Routing, Two DDR3 Devices
Figure 7-57 shows the CK routing for two DDR3 devices placed on the same side of the PCB. Figure 7-58
shows the corresponding ADDR_CTRL routing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com