Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 268 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 268 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 264Page - Texas Instruments DM505LRBABF Datasheet HTML 265Page - Texas Instruments DM505LRBABF Datasheet HTML 266Page - Texas Instruments DM505LRBABF Datasheet HTML 267Page - Texas Instruments DM505LRBABF Datasheet HTML 268Page - Texas Instruments DM505LRBABF Datasheet HTML 269Page - Texas Instruments DM505LRBABF Datasheet HTML 270Page - Texas Instruments DM505LRBABF Datasheet HTML 271Page - Texas Instruments DM505LRBABF Datasheet HTML 272Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 295 page
background image
A1
A2
Processor
Address and Control
Output Buffer
DDR Address and Control Input Buffers
A3
A4
AT
Vtt
Address and Control
Terminator
Rtt
SPRS91v_PCB_DDR3_07
A1
A2
Processor
Differential Clock
Output Buffer
DDR Differential CK Input Buffers
Routed as Differential Pair
A3
A4
AT
Rcp
Clock Parallel
Terminator
A1
A2
A3
A4
AT
Rcp
Cac
DDR_1V5
0.1 µF
+
–
+ –
+ –
+ –
SPRS91v_PCB_DDR3_06
268
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
7.9.2.13.1 Three DDR3 Devices
Three DDR3 devices are supported on the DDR EMIF consisting of two x16 DDR3 devices and one
device for ECC, arranged as one bank (CS). These three devices may be mounted on a single side of the
PCB, or may be mirrored in two pairs to save board space at a cost of increased routing complexity and
parts on the backside of the PCB.
7.9.2.13.1.1 CK and ADDR_CTRL Topologies, Three DDR3 Devices
Figure 7-49 shows the topology of the CK net classes and Figure 7-50 shows the topology for the
corresponding ADDR_CTRL net classes.
Figure 7-49. CK Topology for Three DDR3 Devices
Figure 7-50. ADDR_CTRL Topology for Three DDR3 Devices
7.9.2.13.1.2 CK and ADDR_CTRL Routing, Three DDR3 Devices
Figure 7-51 shows the CK routing for three DDR3 devices placed on the same side of the PCB. Figure 7-
52 shows the corresponding ADDR_CTRL routing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com