Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 270 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 270 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 266Page - Texas Instruments DM505LRBABF Datasheet HTML 267Page - Texas Instruments DM505LRBABF Datasheet HTML 268Page - Texas Instruments DM505LRBABF Datasheet HTML 269Page - Texas Instruments DM505LRBABF Datasheet HTML 270Page - Texas Instruments DM505LRBABF Datasheet HTML 271Page - Texas Instruments DM505LRBABF Datasheet HTML 272Page - Texas Instruments DM505LRBABF Datasheet HTML 273Page - Texas Instruments DM505LRBABF Datasheet HTML 274Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 295 page
background image
=
Rtt
A2
A3
AT
Vtt
SPRS91v_PCB_DDR3_11
=
Rcp
Rcp
Cac
DDR_1V5
0.1 µF
A2
A3
A2
A3
AT
AT
SPRS91v_PCB_DDR3_10
270
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
Figure 7-53. CK Routing for Two Mirrored DDR3 Devices
Figure 7-54. ADDR_CTRL Routing for Two Mirrored DDR3 Devices
7.9.2.13.2 Two DDR3 Devices
Two DDR3 devices are supported on the DDR EMIF consisting of two x8 DDR3 devices arranged as one
bank (CS), 16 bits wide, or two x16 DDR3 devices arranged as one bank (CS), 32 bits wide. These two
devices may be mounted on a single side of the PCB, or may be mirrored in a pair to save board space at
a cost of increased routing complexity and parts on the backside of the PCB.
7.9.2.13.2.1 CK and ADDR_CTRL Topologies, Two DDR3 Devices
Figure 7-55 shows the topology of the CK net classes and Figure 7-56 shows the topology for the
corresponding ADDR_CTRL net classes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com