Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 237 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 237 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 233Page - Texas Instruments TDA2SA Datasheet HTML 234Page - Texas Instruments TDA2SA Datasheet HTML 235Page - Texas Instruments TDA2SA Datasheet HTML 236Page - Texas Instruments TDA2SA Datasheet HTML 237Page - Texas Instruments TDA2SA Datasheet HTML 238Page - Texas Instruments TDA2SA Datasheet HTML 239Page - Texas Instruments TDA2SA Datasheet HTML 240Page - Texas Instruments TDA2SA Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 427 page
background image
237
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-29. GPMC/NOR Flash Interface Timing Requirements - Asynchronous Mode (continued)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
FA20
tacc1-pgmode(DAT)
Page Mode Successive Data Maximum Access Time (GPMC_FCLK
cycles)
P (2)
cycles
FA21
tacc2-pgmode(DAT)
Page Mode First Data Maximum Access Time (GPMC_FCLK cycles)
H (1)
cycles
-
tsu(DV-OEH)
Setup time, read gpmc_ad[15:0] valid before gpmc_oen_ren high
1.9
ns
-
th(OEH-DV)
Hold time, read gpmc_ad[15:0] valid after gpmc_oen_ren high
1
ns
(1) H = Access Time * (TimeParaGranularity + 1)
(2) P = PageBurstAccessTime * (TimeParaGranularity + 1)
Table 7-30. GPMC/NOR Flash Interface Switching Characteristics - Asynchronous Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
-
tr(DO)
Rising time, gpmc_ad[15:0] output data
0.447
4.067
ns
-
tf(DO)
Fallling time, gpmc_ad[15:0] output data
0.43
4.463
ns
FA0
tw(nBEV)
Pulse duration, gpmc_ben[1:0] valid time
N (1)
ns
FA1
tw(nCSV)
Pulse duration, gpmc_cs[7:0] low
A (2)
ns
FA3
td(nCSV-nADVIV)
Delay time, gpmc_cs[7:0] valid to gpmc_advn_ale invalid
B - 2 (3)
B + 4 (3)
ns
FA4
td(nCSV-nOEIV)
Delay time, gpmc_cs[7:0] valid to gpmc_oen_ren invalid (Single read)
C - 2 (4)
C + 4 (4)
ns
FA9
td(AV-nCSV)
Delay time, address bus valid to gpmc_cs[7:0] valid
J - 2 (5)
J + 4 (5)
ns
FA10 td(nBEV-nCSV)
Delay time, gpmc_ben[1:0] valid to gpmc_cs[7:0] valid
J - 2 (5)
J + 4 (5)
ns
FA12 td(nCSV-nADVV)
Delay time, gpmc_cs[7:0] valid to gpmc_advn_ale valid
K - 2 (6)
K + 4 (6)
ns
FA13 td(nCSV-nOEV)
Delay time, gpmc_cs[7:0] valid to gpmc_oen_ren valid
L - 2 (7)
L + 4 (7)
ns
FA16 tw(AIV)
Pulse duration, address invalid between 2 successive R/W accesses
G (8)
ns
FA18 td(nCSV-nOEIV)
Delay time, gpmc_cs[7:0] valid to gpmc_oen_ren invalid (Burst read)
I - 2 (9)
I + 4 (9)
ns
FA20 tw(AV)
Pulse duration, address valid : 2nd, 3rd and 4th accesses
D (10)
ns
FA25 td(nCSV-nWEV)
Delay time, gpmc_cs[7:0] valid to gpmc_wen valid
E - 2 (11)
E + 4 (11)
ns
FA27 td(nCSV-nWEIV)
Delay time, gpmc_cs[7:0] valid to gpmc_wen invalid
F - 2 (12)
F + 4 (12)
ns
FA28 td(nWEV-DV)
Delay time, gpmc_ wen valid to data bus valid
2
ns
FA29 td(DV-nCSV)
Delay time, data bus valid to gpmc_cs[7:0] valid
J - 2 (5)
J + 4 (5)
ns
FA37 td(nOEV-AIV)
Delay time, gpmc_oen_ren valid to gpmc_ad[15:0] multiplexed address bus
phase end
2
ns
(1) For single read: N = RdCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK
For single write: N = WrCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: N = (RdCycleTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst write: N = (WrCycleTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(2) For single read: A = (CSRdOffTime - CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For single write: A = (CSWrOffTime - CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: A = (CSRdOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst write: A = (CSWrOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(3) For reading: B = ((ADVRdOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - CSExtraDelay)) * GPMC_FCLK
For writing: B = ((ADVWrOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - CSExtraDelay)) * GPMC_FCLK
(4) C = ((OEOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) * GPMC_FCLK
(5) J = (CSOnTime * (TimeParaGranularity + 1) + 0.5 * CSExtraDelay) * GPMC_FCLK
(6) K = ((ADVOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - CSExtraDelay)) * GPMC_FCLK
(7) L = ((OEOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) * GPMC_FCLK
(8) G = Cycle2CycleDelay * GPMC_FCLK * (TimeParaGranularity +1)
(9) I = ((OEOffTime + (n - 1) * PageBurstAccessTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) *
GPMC_FCLK
(10) D = PageBurstAccessTime * (TimeParaGranularity + 1) * GPMC_FCLK
(11) E = ((WEOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - CSExtraDelay)) * GPMC_FCLK
(12) F = ((WEOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - CSExtraDelay)) * GPMC_FCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com