Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 100 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 100 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 96Page - Texas Instruments TDA2SA Datasheet HTML 97Page - Texas Instruments TDA2SA Datasheet HTML 98Page - Texas Instruments TDA2SA Datasheet HTML 99Page - Texas Instruments TDA2SA Datasheet HTML 100Page - Texas Instruments TDA2SA Datasheet HTML 101Page - Texas Instruments TDA2SA Datasheet HTML 102Page - Texas Instruments TDA2SA Datasheet HTML 103Page - Texas Instruments TDA2SA Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 427 page
background image
100
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-4. VIP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vin6a_de0
Video Input 6 Port A Data Enable input
I
D14
vin6a_fld0
Video Input 6 Port A Field ID input
I
C14
vin6a_hsync0
Video Input 6 Port A Horizontal Sync input
I
F12
vin6a_vsync0
Video Input 6 Port A Vertical Sync input
I
G12
vin6a_d0
Video Input 6 Port A Data input
I
C17/ D18
vin6a_d1
Video Input 6 Port A Data input
I
B19
vin6a_d2
Video Input 6 Port A Data input
I
F15
vin6a_d3
Video Input 6 Port A Data input
I
B18
vin6a_d4
Video Input 6 Port A Data input
I
A16
vin6a_d5
Video Input 6 Port A Data input
I
C15
vin6a_d6
Video Input 6 Port A Data input
I
A18
vin6a_d7
Video Input 6 Port A Data input
I
A19
vin6a_d8
Video Input 6 Port A Data input
I
F14
vin6a_d9
Video Input 6 Port A Data input
I
G14
vin6a_d10
Video Input 6 Port A Data input
I
A13
vin6a_d11
Video Input 6 Port A Data input
I
E14
vin6a_d12
Video Input 6 Port A Data input
I
A12
vin6a_d13
Video Input 6 Port A Data input
I
B13
vin6a_d14
Video Input 6 Port A Data input
I
A11
vin6a_d15
Video Input 6 Port A Data input
I
B12
4.4.2
Display Subsystem – Video Output Ports
CAUTION
The I/O timings provided in Section 7 Timing Requirements and Switching
Characteristics are valid only if signals within a single IOSET are used. The
IOSETs are defined in the Table 7-19 and Table 7-20.
Table 4-5. DSS Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
DPI Video Output 1
vout1_clk
Video Output 1 Clock output
O
D11
vout1_de
Video Output 1 Data Enable output
O
B10
vout1_fld
Video Output 1 Field ID output.This signal is not used for embedded sync modes.
O
B11
vout1_hsync
Video Output 1 Horizontal Sync output.This signal is not used for embedded sync
modes.
O
C11
vout1_vsync
Video Output 1 Vertical Sync output.This signal is not used for embedded sync modes.
O
E11
vout1_d0
Video Output 1 Data output
O
F11
vout1_d1
Video Output 1 Data output
O
G10
vout1_d2
Video Output 1 Data output
O
F10
vout1_d3
Video Output 1 Data output
O
G11
vout1_d4
Video Output 1 Data output
O
E9
vout1_d5
Video Output 1 Data output
O
F9
vout1_d6
Video Output 1 Data output
O
F8
vout1_d7
Video Output 1 Data output
O
E7
vout1_d8
Video Output 1 Data output
O
E8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com