Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 88 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 88 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 84Page - Texas Instruments TDA2SA Datasheet HTML 85Page - Texas Instruments TDA2SA Datasheet HTML 86Page - Texas Instruments TDA2SA Datasheet HTML 87Page - Texas Instruments TDA2SA Datasheet HTML 88Page - Texas Instruments TDA2SA Datasheet HTML 89Page - Texas Instruments TDA2SA Datasheet HTML 90Page - Texas Instruments TDA2SA Datasheet HTML 91Page - Texas Instruments TDA2SA Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
88
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
0x15E4
CTRL_CORE_PAD_V
OUT1_D2
F10
vout1_d2
emu2
vin4a_d18
vin3a_d18
obs0
obs16
obs_irq1
gpio8_2
Driver off
0x15E8
CTRL_CORE_PAD_V
OUT1_D3
G11
vout1_d3
emu5
vin4a_d19
vin3a_d19
obs1
obs17
obs_dmarq1
gpio8_3
Driver off
0x15EC
CTRL_CORE_PAD_V
OUT1_D4
E9
vout1_d4
emu6
vin4a_d20
vin3a_d20
obs2
obs18
gpio8_4
Driver off
0x15F0
CTRL_CORE_PAD_V
OUT1_D5
F9
vout1_d5
emu7
vin4a_d21
vin3a_d21
obs3
obs19
gpio8_5
Driver off
0x15F4
CTRL_CORE_PAD_V
OUT1_D6
F8
vout1_d6
emu8
vin4a_d22
vin3a_d22
obs4
obs20
gpio8_6
Driver off
0x15F8
CTRL_CORE_PAD_V
OUT1_D7
E7
vout1_d7
emu9
vin4a_d23
vin3a_d23
gpio8_7
Driver off
0x15FC
CTRL_CORE_PAD_V
OUT1_D8
E8
vout1_d8
uart6_rxd
vin4a_d8
vin3a_d8
gpio8_8
Driver off
0x1600
CTRL_CORE_PAD_V
OUT1_D9
D9
vout1_d9
uart6_txd
vin4a_d9
vin3a_d9
gpio8_9
Driver off
0x1604
CTRL_CORE_PAD_V
OUT1_D10
D7
vout1_d10
emu3
vin4a_d10
vin3a_d10
obs5
obs21
obs_irq2
gpio8_10
Driver off
0x1608
CTRL_CORE_PAD_V
OUT1_D11
D8
vout1_d11
emu10
vin4a_d11
vin3a_d11
obs6
obs22
obs_dmarq2
gpio8_11
Driver off
0x160C
CTRL_CORE_PAD_V
OUT1_D12
A5
vout1_d12
emu11
vin4a_d12
vin3a_d12
obs7
obs23
gpio8_12
Driver off
0x1610
CTRL_CORE_PAD_V
OUT1_D13
C6
vout1_d13
emu12
vin4a_d13
vin3a_d13
obs8
obs24
gpio8_13
Driver off
0x1614
CTRL_CORE_PAD_V
OUT1_D14
C8
vout1_d14
emu13
vin4a_d14
vin3a_d14
obs9
obs25
gpio8_14
Driver off
0x1618
CTRL_CORE_PAD_V
OUT1_D15
C7
vout1_d15
emu14
vin4a_d15
vin3a_d15
obs10
obs26
gpio8_15
Driver off
0x161C
CTRL_CORE_PAD_V
OUT1_D16
B7
vout1_d16
uart7_rxd
vin4a_d0
vin3a_d0
gpio8_16
Driver off
0x1620
CTRL_CORE_PAD_V
OUT1_D17
B8
vout1_d17
uart7_txd
vin4a_d1
vin3a_d1
gpio8_17
Driver off
0x1624
CTRL_CORE_PAD_V
OUT1_D18
A7
vout1_d18
emu4
vin4a_d2
vin3a_d2
obs11
obs27
gpio8_18
Driver off
0x1628
CTRL_CORE_PAD_V
OUT1_D19
A8
vout1_d19
emu15
vin4a_d3
vin3a_d3
obs12
obs28
gpio8_19
Driver off
0x162C
CTRL_CORE_PAD_V
OUT1_D20
C9
vout1_d20
emu16
vin4a_d4
vin3a_d4
obs13
obs29
gpio8_20
Driver off
0x1630
CTRL_CORE_PAD_V
OUT1_D21
A9
vout1_d21
emu17
vin4a_d5
vin3a_d5
obs14
obs30
gpio8_21
Driver off
0x1634
CTRL_CORE_PAD_V
OUT1_D22
B9
vout1_d22
emu18
vin4a_d6
vin3a_d6
obs15
obs31
gpio8_22
Driver off
0x1638
CTRL_CORE_PAD_V
OUT1_D23
A10
vout1_d23
emu19
vin4a_d7
vin3a_d7
spi3_cs3
gpio8_23
Driver off
0x163C
CTRL_CORE_PAD_
MDIO_MCLK
V1
mdio_mclk
uart3_rtsn
mii0_col
vin2a_clk0
vin4b_clk1
gpio5_15
Driver off
0x1640
CTRL_CORE_PAD_
MDIO_D
U4
mdio_d
uart3_ctsn
mii0_txer
vin2a_d0
vin4b_d0
gpio5_16
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com