Electronic Components Datasheet Search
  English  ▼

X  

BMS35 Datasheet(PDF) 5 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # BMS35
Description  Brushless, Slotless Rotary Motors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

BMS35 Datasheet(HTML) 5 Page - AEROTECH US. ALL RIGHTS RESERVED.

  BMS35 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
aerotech.com
BMS SERIES DIMENSIONS
NEMA 17 (BMS35)
380 15
44.5 1.75
Square
35.9 1.41
Square
4.0 .16
SLOT
22.00-
0.00
0.03 .866
+
-
.000
.001
37.0 1.46
SQUARE
Motor
Cable
Feedback
Cable
9 Pin High Power D
Connector
25 Pin
D Connector
20.6 .81
2.3 .09
5.0 .20
6.345-
0.000
0.013 .2498
+
-
.0000
.0005
125.0 4.92
Add 28.0 [1.10] For Brake Option
13.8 .55
14.4 .57
10.9 [.43] With Brake Option
DIMENSIONS: MILLIMETERS [INCHES]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com