Electronic Components Datasheet Search
  English  ▼

X  

BMS35 Datasheet(PDF) 7 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # BMS35
Description  Brushless, Slotless Rotary Motors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

BMS35 Datasheet(HTML) 7 Page - AEROTECH US. ALL RIGHTS RESERVED.

  BMS35 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
aerotech.com
BMS SERIES DIMENSIONS
NEMA 34 (BMS280, BMS465)
Sensor (Feedback)
Add 55.6[2.19 IN.] To Length For Optional Brake.
Dimensions - millimeters [inches]
Motor
BMS465
*
BMS280
Model No.
+0.000, -0.013
+0.000, -0.013
+0.0000", -0.0005"
+0.0000", -0.0005"
*
*
10.83"
275.1
9.64"
244.9
220.3
8.67"
A
190.0
7.48"
B
Ø 12.69
0.4997"
Ø 12.69
0.4997"
C
Optional Brake
Cable Connector
MS3102R20-29P
2 Flats 90° Apart
Shaft Dia.
5.6 [0.22]Dia.
Thru 4 Holes
*
82.6 [3.25] Sq.
69.6 [2.74] Sq.
19.9 [0.78]
18.3 [0.72]
108.0 [4.25]
22.2 [0.87]
Ø73.03
+0.00
-0.03
[Ø2.875
+0.000
-0.001 ]
23.8 [0.94]
2.5 [0.10]
11.4 [0.45]
30.2 [1.19]
A
B
*
1.0 [0.04] Typ.
C
Motor Cable
Connector
MS3102R18-10P
By 0.88 [22.4] Lg.
1/8 [3.2] Sq Keyway



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com