Electronic Components Datasheet Search
  English  ▼

X  

BMS35 Datasheet(PDF) 6 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # BMS35
Description  Brushless, Slotless Rotary Motors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

BMS35 Datasheet(HTML) 6 Page - AEROTECH US. ALL RIGHTS RESERVED.

  BMS35 Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. BMS35 Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
aerotech.com
BMS SERIES DIMENSIONS
NEMA 23 (BMS60, BMS100)
Motor
Model No.
AB
BMS60
BMS100
4 Holes
6.20"
7.40"
0.2498"
0.3747"
C
Cable, Motor
Cable, Sensors (Feedback)
C
Typ.
6.40"
5.20"
0.5[0.02]
2 Flats At 90° Apart
157.5
187.9
132.1
Ø 6,345
Ø 9,517
162.6
*
*
Add 77.3 [3.04 IN.] To Length For Optional Brake.
+0.0000", -0.0005"
+0.000, -0.013
+0.0000", -0.0005"
+0.000, -0.013
47.1 [1.86]
47.142 [1.86]
57.2 [2.25]
Ø5.0 [Ø0.20]
Square
A
16.0 [0.63]
53.1 [2.09]
8.6 [0.34]
2.5 [0.10]
25.4 [1.00]
15.0 [0.59]
B
380[15]
*
Shaft Dia.
Dimensions - millimeters [inches]
*
*
25 Pin D Connector
9 Pin
High Power
D Connector
Motor Shown with Optional Brake
63.5 [2.50]
Square
77.3 [3.04]
Ø38.10
+0.00
-0.03
[Ø1.500+.000
-.001
]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com