Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 143 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 143 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 139Page - Texas Instruments TDA2SXABC Datasheet HTML 140Page - Texas Instruments TDA2SXABC Datasheet HTML 141Page - Texas Instruments TDA2SXABC Datasheet HTML 142Page - Texas Instruments TDA2SXABC Datasheet HTML 143Page - Texas Instruments TDA2SXABC Datasheet HTML 144Page - Texas Instruments TDA2SXABC Datasheet HTML 145Page - Texas Instruments TDA2SXABC Datasheet HTML 146Page - Texas Instruments TDA2SXABC Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 427 page
background image
143
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
5.5.2
Voltage And Core Clock Specifications
Table 5-7 shows the recommended OPP per voltage domain.
Table 5-7. Voltage Domains Operating Performance Points
DOMAIN
CONDITION
OPP_NOM
OPP_OD
OPP_HIGH
MIN (2)
NOM
(1)
MAX (2)
MIN (2)
NOM
(1)
MAX (2)
MIN (2)
NOM
(1)
MAX DC
(3)
MAX (2)
VD_CORE
(V)
BOOT (Before AVS
is enabled) (4)
1.11
1.15
1.2
Not Applicable
Not Applicable
After AVS is
enabled (4)
AVS(5) –
3.5%
AVS(5)
1.2
Not Applicable
Not Applicable
VD_MPU
(V)
BOOT (Before AVS
is enabled) (4)
1.11
1.15
1.2
Not Applicable
Not Applicable
After AVS is
enabled (4)
AVS
Voltage(5)
– 3.5%
AVS
Voltag
e(5)
1.2
AVS
Voltage(5)
– 3.5%
AVS
Voltag
e(5)
AVS
Voltage(5)
+ 5%
AVS
Voltage(5)
– 3.5%
AVS
Voltag
e(5)
AVS
Voltage(5)
+2%
AVS
Voltage(5)
+ 5%
VD_RTC
(V) (6)
-
0.84
0.88
to
1.06
1.2
Not Applicable
Not Applicable
Others (V)
BOOT (Before AVS
is enabled) (4)
1.02
1.06
1.2
Not Applicable
Not Applicable
After AVS is
enabled (4)
AVS
Voltage(5)
– 3.5%
AVS
Voltag
e(5)
1.2
AVS
Voltage(5)
– 3.5%
AVS
Voltag
e(5)
AVS
Voltage(5)
+ 5%
AVS
Voltage(5)
– 3.5%
AVS
Voltag
e(5)
AVS
Voltage(5)
+2%
AVS
Voltage(5)
+ 5%
(1) In a typical implementation, the power supply should target the NOM voltage.
(2) The voltage at the device ball should never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, etc.
(3) The DC voltage at the device ball should never be above the MAX DC voltage to avoid impact on device reliability and lifetime POH
(Power-On-Hours). The MAX DC voltage is defined as the highest allowed DC regulated voltage, without transients, seen at the ball.
(4) For all OPPs, AVS must be enabled to avoid impact on device reliability, lifetime POH (Power-On-Hours), and device power.
(5) The AVS voltages are device-dependent, voltage domain-dependent, and OPP-dependent. They must be read from the
STD_FUSE_OPP. For information about STD_FUSE_OPP Registers address, please refer to Control Module Section of the TRM. The
power supply should be adjustable over the following ranges for each required OPP:
–
OPP_NOM for MPU: 0.85 V - 1.15 V
–
OPP_NOM for CORE and Others: 0.85 V - 1.15 V
–
OPP_OD: 0.885 V - 1.15 V
–
OPP_HIGH: 0.95 V - 1.25 V
The AVS voltages will be within the above specified ranges.
(6) VD_RTC can optionally be tied to VD_CORE and operate at the VD_CORE AVS voltages.
(7) The power supply must be programmed with the AVS voltages for the MPU and the CORE voltage domain, either just after the ROM
boot or at the earliest possible time in the secondary boot loader before there is significant activity seen on these domains.
Table 5-8 describes the standard processor clocks speed characteristics vs OPP of the device.
Table 5-8. Supported OPP vs Max Frequency(2)
DESCRIPTION
OPP_NOM
OPP_OD
OPP_HIGH
MAX FREQ. (MHz)
MAX FREQ. (MHz)
MAX FREQ. (MHz)
VD_MPU
MPU_CLK
750
1176
1176
VD_DSPEVE
DSP_CLK
600
700
750
EVE_FCLK
535
650
650
VD_IVA
IVA_GCLK
388.3
430
532
VD_GPU
GPU_CLK
425.6
500
532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com