Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 99 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 99 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 95Page - Texas Instruments TDA2SXABC Datasheet HTML 96Page - Texas Instruments TDA2SXABC Datasheet HTML 97Page - Texas Instruments TDA2SXABC Datasheet HTML 98Page - Texas Instruments TDA2SXABC Datasheet HTML 99Page - Texas Instruments TDA2SXABC Datasheet HTML 100Page - Texas Instruments TDA2SXABC Datasheet HTML 101Page - Texas Instruments TDA2SXABC Datasheet HTML 102Page - Texas Instruments TDA2SXABC Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 427 page
background image
99
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-4. VIP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vin4a_d14
Video Input 4 Port A Data input
I
C8/ J5/ B17
vin4a_d15
Video Input 4 Port A Data input
I
C7/ K6/ A17
vin4a_d16
Video Input 4 Port A Data input
I
C18/ F11
vin4a_d17
Video Input 4 Port A Data input
I
A21/ G10
vin4a_d18
Video Input 4 Port A Data input
I
G16/ F10
vin4a_d19
Video Input 4 Port A Data input
I
D17/ G11
vin4a_d20
Video Input 4 Port A Data input
I
AA3/ E9
vin4a_d21
Video Input 4 Port A Data input
I
AB9/ F9
vin4a_d22
Video Input 4 Port A Data input
I
AB3/ F8
vin4a_d23
Video Input 4 Port A Data input
I
AA4/ E7
vin4b_clk1
Video Input 4 Port B Clock input
I
N9/ V1
vin4b_de1
Video Input 4 Port B Data Enable input
I
P9/ V7
vin4b_fld1
Video Input 4 Port B Field ID input
I
P4/ W2
vin4b_hsync1
Video Input 4 Port B Horizontal Sync input
I
N7/ U7
vin4b_vsync1
Video Input 4 Port B Vertical Sync input
I
R4/ V6
vin4b_d0
Video Input 4 Port B Data input
I
R6/ U4
vin4b_d1
Video Input 4 Port B Data input
I
T9/ V2
vin4b_d2
Video Input 4 Port B Data input
I
T6/ Y1
vin4b_d3
Video Input 4 Port B Data input
I
T7/ W9
vin4b_d4
Video Input 4 Port B Data input
I
P6/ V9
vin4b_d5
Video Input 4 Port B Data input
I
R9/ U5
vin4b_d6
Video Input 4 Port B Data input
I
R5/ V5
vin4b_d7
Video Input 4 Port B Data input
I
P5/ V4
Video Input 5 (VIP3)
vin5a_clk0
Video Input 5 Port A Clock input
I
AC5
vin5a_de0
Video Input 5 Port A Data Enable input
I
AB4
vin5a_fld0
Video Input 5 Port A Field ID input
I
C17
vin5a_hsync0
Video Input 5 Port A Horizontal Sync input
I
AB8
vin5a_vsync0
Video Input 5 Port A Vertical Sync input
I
AB5
vin5a_d0
Video Input 5 Port A Data input
I
AD6
vin5a_d1
Video Input 5 Port A Data input
I
AC8
vin5a_d2
Video Input 5 Port A Data input
I
AC3
vin5a_d3
Video Input 5 Port A Data input
I
AC9
vin5a_d4
Video Input 5 Port A Data input
I
AC6
vin5a_d5
Video Input 5 Port A Data input
I
AC7
vin5a_d6
Video Input 5 Port A Data input
I
AC4
vin5a_d7
Video Input 5 Port A Data input
I
AD4
vin5a_d8
Video Input 5 Port A Data input
I
AA4
vin5a_d9
Video Input 5 Port A Data input
I
AB3
vin5a_d10
Video Input 5 Port A Data input
I
AB9
vin5a_d11
Video Input 5 Port A Data input
I
AA3
vin5a_d12
Video Input 5 Port A Data input
I
D17
vin5a_d13
Video Input 5 Port A Data input
I
G16
vin5a_d14
Video Input 5 Port A Data input
I
A21
vin5a_d15
Video Input 5 Port A Data input
I
C18
Video Input 6 (VIP3)
vin6a_clk0
Video Input 6 Port A Clock input
I
E17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com