Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 91 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 91 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 87Page - Texas Instruments TDA2SXABC Datasheet HTML 88Page - Texas Instruments TDA2SXABC Datasheet HTML 89Page - Texas Instruments TDA2SXABC Datasheet HTML 90Page - Texas Instruments TDA2SXABC Datasheet HTML 91Page - Texas Instruments TDA2SXABC Datasheet HTML 92Page - Texas Instruments TDA2SXABC Datasheet HTML 93Page - Texas Instruments TDA2SXABC Datasheet HTML 94Page - Texas Instruments TDA2SXABC Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
91
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
0x1704
CTRL_CORE_PAD_
MCASP2_AXR0
B15
mcasp2_axr0
vout2_d10
vin4a_d10
Driver off
0x1708
CTRL_CORE_PAD_
MCASP2_AXR1
A15
mcasp2_axr1
vout2_d11
vin4a_d11
Driver off
0x170C
CTRL_CORE_PAD_
MCASP2_AXR2
C15
mcasp2_axr2 mcasp3_axr2
vin6a_d5
gpio6_8
Driver off
0x1710
CTRL_CORE_PAD_
MCASP2_AXR3
A16
mcasp2_axr3 mcasp3_axr3
vin6a_d4
gpio6_9
Driver off
0x1714
CTRL_CORE_PAD_
MCASP2_AXR4
D15
mcasp2_axr4 mcasp8_axr0
vout2_d12
vin4a_d12
gpio1_4
Driver off
0x1718
CTRL_CORE_PAD_
MCASP2_AXR5
B16
mcasp2_axr5 mcasp8_axr1
vout2_d13
vin4a_d13
gpio6_7
Driver off
0x171C
CTRL_CORE_PAD_
MCASP2_AXR6
B17
mcasp2_axr6 mcasp8_aclkx mcasp8_aclkr
vout2_d14
vin4a_d14
gpio2_29
Driver off
0x1720
CTRL_CORE_PAD_
MCASP2_AXR7
A17
mcasp2_axr7 mcasp8_fsx
mcasp8_fsr
vout2_d15
vin4a_d15
gpio1_5
Driver off
0x1724
CTRL_CORE_PAD_
MCASP3_ACLKX
B18
mcasp3_aclkx mcasp3_aclkr mcasp2_axr1
2
uart7_rxd
vin6a_d3
gpio5_13
Driver off
0x1728
CTRL_CORE_PAD_
MCASP3_FSX
F15
mcasp3_fsx
mcasp3_fsr
mcasp2_axr1
3
uart7_txd
vin6a_d2
gpio5_14
Driver off
0x172C
CTRL_CORE_PAD_
MCASP3_AXR0
B19
mcasp3_axr0
mcasp2_axr1
4
uart7_ctsn
uart5_rxd
vin6a_d1
Driver off
0x1730
CTRL_CORE_PAD_
MCASP3_AXR1
C17
mcasp3_axr1
mcasp2_axr1
5
uart7_rtsn
uart5_txd
vin6a_d0
vin5a_fld0
Driver off
0x1734
CTRL_CORE_PAD_
MCASP4_ACLKX
C18
mcasp4_aclkx mcasp4_aclkr spi3_sclk
uart8_rxd
i2c4_sda
vout2_d16
vin4a_d16
vin5a_d15
Driver off
0x1738
CTRL_CORE_PAD_
MCASP4_FSX
A21
mcasp4_fsx
mcasp4_fsr
spi3_d1
uart8_txd
i2c4_scl
vout2_d17
vin4a_d17
vin5a_d14
Driver off
0x173C
CTRL_CORE_PAD_
MCASP4_AXR0
G16
mcasp4_axr0
spi3_d0
uart8_ctsn
uart4_rxd
vout2_d18
vin4a_d18
vin5a_d13
Driver off
0x1740
CTRL_CORE_PAD_
MCASP4_AXR1
D17
mcasp4_axr1
spi3_cs0
uart8_rtsn
uart4_txd
vout2_d19
vin4a_d19
vin5a_d12
Driver off
0x1744
CTRL_CORE_PAD_
MCASP5_ACLKX
AA3
mcasp5_aclkx mcasp5_aclkr spi4_sclk
uart9_rxd
i2c5_sda
vout2_d20
vin4a_d20
vin5a_d11
Driver off
0x1748
CTRL_CORE_PAD_
MCASP5_FSX
AB9
mcasp5_fsx
mcasp5_fsr
spi4_d1
uart9_txd
i2c5_scl
vout2_d21
vin4a_d21
vin5a_d10
Driver off
0x174C
CTRL_CORE_PAD_
MCASP5_AXR0
AB3
mcasp5_axr0
spi4_d0
uart9_ctsn
uart3_rxd
vout2_d22
vin4a_d22
vin5a_d9
Driver off
0x1750
CTRL_CORE_PAD_
MCASP5_AXR1
AA4
mcasp5_axr1
spi4_cs0
uart9_rtsn
uart3_txd
vout2_d23
vin4a_d23
vin5a_d8
Driver off
0x1754
CTRL_CORE_PAD_
MMC1_CLK
W6
mmc1_clk
gpio6_21
Driver off
0x1758
CTRL_CORE_PAD_
MMC1_CMD
Y6
mmc1_cmd
gpio6_22
Driver off
0x175C
CTRL_CORE_PAD_
MMC1_DAT0
AA6
mmc1_dat0
gpio6_23
Driver off
0x1760
CTRL_CORE_PAD_
MMC1_DAT1
Y4
mmc1_dat1
gpio6_24
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com