Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 90 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 90 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 86Page - Texas Instruments TDA2SXABC Datasheet HTML 87Page - Texas Instruments TDA2SXABC Datasheet HTML 88Page - Texas Instruments TDA2SXABC Datasheet HTML 89Page - Texas Instruments TDA2SXABC Datasheet HTML 90Page - Texas Instruments TDA2SXABC Datasheet HTML 91Page - Texas Instruments TDA2SXABC Datasheet HTML 92Page - Texas Instruments TDA2SXABC Datasheet HTML 93Page - Texas Instruments TDA2SXABC Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
90
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
0x16A4
CTRL_CORE_PAD_
MCASP1_ACLKX
C14
mcasp1_aclkx
vin6a_fld0
i2c3_sda
gpio7_31
Driver off
0x16A8
CTRL_CORE_PAD_
MCASP1_FSX
D14
mcasp1_fsx
vin6a_de0
i2c3_scl
gpio7_30
Driver off
0x16AC
CTRL_CORE_PAD_
MCASP1_ACLKR
B14
mcasp1_aclkr mcasp7_axr2
vout2_d0
vin4a_d0
i2c4_sda
gpio5_0
Driver off
0x16B0
CTRL_CORE_PAD_
MCASP1_FSR
J14
mcasp1_fsr
mcasp7_axr3
vout2_d1
vin4a_d1
i2c4_scl
gpio5_1
Driver off
0x16B4
CTRL_CORE_PAD_
MCASP1_AXR0
G12
mcasp1_axr0
uart6_rxd
vin6a_vsync0
i2c5_sda
gpio5_2
Driver off
0x16B8
CTRL_CORE_PAD_
MCASP1_AXR1
F12
mcasp1_axr1
uart6_txd
vin6a_hsync0
i2c5_scl
gpio5_3
Driver off
0x16BC
CTRL_CORE_PAD_
MCASP1_AXR2
G13
mcasp1_axr2 mcasp6_axr2
uart6_ctsn
vout2_d2
vin4a_d2
gpio5_4
Driver off
0x16C0
CTRL_CORE_PAD_
MCASP1_AXR3
J11
mcasp1_axr3 mcasp6_axr3
uart6_rtsn
vout2_d3
vin4a_d3
gpio5_5
Driver off
0x16C4
CTRL_CORE_PAD_
MCASP1_AXR4
E12
mcasp1_axr4 mcasp4_axr2
vout2_d4
vin4a_d4
gpio5_6
Driver off
0x16C8
CTRL_CORE_PAD_
MCASP1_AXR5
F13
mcasp1_axr5 mcasp4_axr3
vout2_d5
vin4a_d5
gpio5_7
Driver off
0x16CC
CTRL_CORE_PAD_
MCASP1_AXR6
C12
mcasp1_axr6 mcasp5_axr2
vout2_d6
vin4a_d6
gpio5_8
Driver off
0x16D0
CTRL_CORE_PAD_
MCASP1_AXR7
D12
mcasp1_axr7 mcasp5_axr3
vout2_d7
vin4a_d7
timer4
gpio5_9
Driver off
0x16D4
CTRL_CORE_PAD_
MCASP1_AXR8
B12
mcasp1_axr8 mcasp6_axr0
spi3_sclk
vin6a_d15
timer5
gpio5_10
Driver off
0x16D8
CTRL_CORE_PAD_
MCASP1_AXR9
A11
mcasp1_axr9 mcasp6_axr1
spi3_d1
vin6a_d14
timer6
gpio5_11
Driver off
0x16DC
CTRL_CORE_PAD_
MCASP1_AXR10
B13
mcasp1_axr1
0
mcasp6_aclkx mcasp6_aclkr spi3_d0
vin6a_d13
timer7
gpio5_12
Driver off
0x16E0
CTRL_CORE_PAD_
MCASP1_AXR11
A12
mcasp1_axr1
1
mcasp6_fsx
mcasp6_fsr
spi3_cs0
vin6a_d12
timer8
gpio4_17
Driver off
0x16E4
CTRL_CORE_PAD_
MCASP1_AXR12
E14
mcasp1_axr1
2
mcasp7_axr0
spi3_cs1
vin6a_d11
timer9
gpio4_18
Driver off
0x16E8
CTRL_CORE_PAD_
MCASP1_AXR13
A13
mcasp1_axr1
3
mcasp7_axr1
vin6a_d10
timer10
gpio6_4
Driver off
0x16EC
CTRL_CORE_PAD_
MCASP1_AXR14
G14
mcasp1_axr1
4
mcasp7_aclkx mcasp7_aclkr
vin6a_d9
timer11
gpio6_5
Driver off
0x16F0
CTRL_CORE_PAD_
MCASP1_AXR15
F14
mcasp1_axr1
5
mcasp7_fsx
mcasp7_fsr
vin6a_d8
timer12
gpio6_6
Driver off
0x16F4
CTRL_CORE_PAD_
MCASP2_ACLKX
A19
mcasp2_aclkx
vin6a_d7
Driver off
0x16F8
CTRL_CORE_PAD_
MCASP2_FSX
A18
mcasp2_fsx
vin6a_d6
Driver off
0x16FC
CTRL_CORE_PAD_
MCASP2_ACLKR
E15
mcasp2_aclkr mcasp8_axr2
vout2_d8
vin4a_d8
Driver off
0x1700
CTRL_CORE_PAD_
MCASP2_FSR
A20
mcasp2_fsr
mcasp8_axr3
vout2_d9
vin4a_d9
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com