Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 219 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 219 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 215Page - Texas Instruments TDA2SXABC Datasheet HTML 216Page - Texas Instruments TDA2SXABC Datasheet HTML 217Page - Texas Instruments TDA2SXABC Datasheet HTML 218Page - Texas Instruments TDA2SXABC Datasheet HTML 219Page - Texas Instruments TDA2SXABC Datasheet HTML 220Page - Texas Instruments TDA2SXABC Datasheet HTML 221Page - Texas Instruments TDA2SXABC Datasheet HTML 222Page - Texas Instruments TDA2SXABC Datasheet HTML 223Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 427 page
background image
219
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-20. VOUT3 IOSETs (continued)
SIGNALS
IOSET1
IOSET2 (1)
IOSET3 (1)
BALL
MUX
BALL
MUX
BALL
MUX
vout3_d2
L5
3
AE6
4
AH5
3
vout3_d1
M2
3
AD2
4
AG6
3
vout3_d0
M6
3
AD3
4
AH4
3
vout3_de
N9
3
AD9
4
vout3_vsync
R4
3
AF8
4
AF8
4
vout3_clk
P1
3
AF9
4
AF9
4
vout3_hsync
N7
3
AE9
4
AE9
4
vout3_fld
P9
3
AG8
4
(1) The VOUT3 interface when multiplexed onto balls mapped to the VDDSHV6 supply rail is restricted to operating in 1.8V mode only
(VDDSHV6 must be supplied with 1.8V). 3.3V mode is not supported. This must be considered in the pin mux programming and
VDDSHVx supply connections.
NOTE
To configure the desired Manual IO Timing Mode the user must follow the steps described in
section "Manual IO Timing Modes" of the Device TRM.
The associated registers to configure are listed in the CFG REGISTER column. For more
information please see the Control Module Chapter in the Device TRM.
Manual IO Timings Modes must be used to ensure some IO timings for VOUT1. See Table 7-2 Modes
Summary for a list of IO timings requiring the use of Manual IO Timings Modes. See Table 7-21 Manual
Functions Mapping for DSS VOUT1 for a definition of the Manual modes.
Table 7-21 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in
the CFG_x registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com