Electronic Components Datasheet Search
  English  ▼

X  

TLC6989DYYR Datasheet(PDF) 30 Page - Texas Instruments

Part # TLC6989DYYR
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC6989DYYR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC6989DYYR Datasheet HTML 26Page - Texas Instruments TLC6989DYYR Datasheet HTML 27Page - Texas Instruments TLC6989DYYR Datasheet HTML 28Page - Texas Instruments TLC6989DYYR Datasheet HTML 29Page - Texas Instruments TLC6989DYYR Datasheet HTML 30Page - Texas Instruments TLC6989DYYR Datasheet HTML 31Page - Texas Instruments TLC6989DYYR Datasheet HTML 32Page - Texas Instruments TLC6989DYYR Datasheet HTML 33Page - Texas Instruments TLC6989DYYR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
DATA_RD (Data Read command)
Return to the SPI Command Table
The DATA_RD command is used to read data words from the RXFIFO. Even when the received CRC does not
match with the calculated CRC over the command word, the device returns the requested number of data words
and the CRC calculated over the data words. When the received CRC does not match the calculated CRC over
the command word, the FAULT pin is pulled low (when not masked) and the flag FLAG_SPI_CRC is set. An
example of DATA_RD command requesting 3 data words is depicted in Figure 7-17.
SDI
SDO
SOUT
0x9002
CRC0
CRC1
Data0
Data1
Data2
Figure 7-17. Example of DATA_RD command
REG_WR_CRC (Register Write CRC command)
Return to the SPI Command Table
The REG_WR_CRC command is used to write the internal registers of the TLC6989 device. The command
includes a field to indicate the address of the first register to be written. All the data words received by the SPI
peripheral are stored in shadow registers. Only when the received CRC matches with the calculated CRC over
the command word and data words, the registers are updated. This command returns the STATUS register and
the CRC calculated over the STATUS register. An example of REG_WR_CRC command writing 3 registers is
depicted in Figure 7-18.
SDI
SDO
SOUT
0xA082
CCSICTRL
TXFFLVL
CRC0
STATUS
CRC1
RXFFLVL
Figure 7-18. Example of REG_WR_CRC command
TLC6989
SLVSHF5 – NOVEMBER 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com