Electronic Components Datasheet Search
  English  ▼

X  

TLC6989DYYR Datasheet(PDF) 40 Page - Texas Instruments

Part # TLC6989DYYR
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC6989DYYR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLC6989DYYR Datasheet HTML 36Page - Texas Instruments TLC6989DYYR Datasheet HTML 37Page - Texas Instruments TLC6989DYYR Datasheet HTML 38Page - Texas Instruments TLC6989DYYR Datasheet HTML 39Page - Texas Instruments TLC6989DYYR Datasheet HTML 40Page - Texas Instruments TLC6989DYYR Datasheet HTML 41Page - Texas Instruments TLC6989DYYR Datasheet HTML 42Page - Texas Instruments TLC6989DYYR Datasheet HTML 43Page - Texas Instruments TLC6989DYYR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
7.6.7 DIAGMASK Register (Address = 0x6) [Reset = 0x0000]
DIAGMASK is shown in Figure 7-29 and described in Table 7-11.
Return to the DEVICE Registers Summary Table.
Figure 7-29. DIAGMASK Register
15
14
13
12
11
10
9
8
RESERVED
MASK_CCSI_CHECK
_BIT
RESERVED
MASK_CCSI_CRC MASK_CCSI_SIN
R/W-0x0
R/W-0x0
R/W-0x0
R/W-0x0
R/W-0x0
7
6
5
4
3
2
1
0
RESERVED
MASK_SPI_CRC
R/W-0x0
R/W-0x0
Table 7-11. DIAGMASK Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R/W
0x0
Reserved
11
MASK_CCSI_CHECK_BIT
R/W
0x0
Mask CCSI check bit fault to set FLAG_ERR and pull down
FAULT pin
0x0 = Fault reporting is enabled
0x1 = Fault reporting is disabled
10
RESERVED
R/W
0x0
Reserved
9
MASK_CCSI_CRC
R/W
0x0
Mask CCSI CRC fault to set FLAG_ERR and pull down
FAULT pin
0x0 = Fault reporting is enabled
0x1 = Fault reporting is disabled
8
MASK_CCSI_SIN
R/W
0x0
Mask CCSI SIN stuck-at fault to set FLAG_ERR and pull
down FAULT pin
0x0 = Fault reporting is enabled
0x1 = Fault reporting is disabled
7-1
RESERVED
R/W
0x0
Reserved
0
MASK_SPI_CRC
R/W
0x0
Mask SPI CRC fault to set FLAG_ERR and pull down FAULT
pin
0x0 = Fault reporting is enabled
0x1 = Fault reporting is disabled
TLC6989
SLVSHF5 – NOVEMBER 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com