Electronic Components Datasheet Search
  English  ▼

X  

7901784 Datasheet(PDF) 3 Page - SICK AG

Part # 7901784
Description  MAGNETIC SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7901784 Datasheet(HTML) 3 Page - SICK AG

  7901784 Datasheet HTML 1Page - SICK AG 7901784 Datasheet HTML 2Page - SICK AG 7901784 Datasheet HTML 3Page - SICK AG 7901784 Datasheet HTML 4Page - SICK AG 7901784 Datasheet HTML 5Page - SICK AG 7901784 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MQ10-60ANSKT0 | MQB
MAGNETIC SENSORS
Temperature drift (of Sr)
± 10 %
EMC
According to EN 60947-5-2
Continuous current Ia
≤ 200 mA
Short-circuit protection
✔
Reverse polarity protection
✔
Power-up pulse protection
✔
Shock and vibration resistance
30 g, 11 ms / 10 ... 55 Hz, 1 mm
Ambient operating temperature
–25 °C ... +75 °C
Housing material
Plastic, VISTAL®
Sensing face material
Plastic, VISTAL®
1) Of VS.
2) At Ia max.
3) Without load.
4) Von Sr (VS und Ta constant).
Safety-related parameters
MTTFD
1,924 years
DCavg
0 %
TM (mission time)
20 years
Classifications
eCl@ss 5.0
27270104
eCl@ss 5.1.4
27270104
eCl@ss 6.0
27270104
eCl@ss 6.2
27270104
eCl@ss 7.0
27270104
eCl@ss 8.0
27270104
eCl@ss 8.1
27270104
eCl@ss 9.0
27270104
eCl@ss 10.0
27270104
eCl@ss 11.0
27270104
eCl@ss 12.0
27274301
ETIM 5.0
EC002544
ETIM 6.0
EC002544
ETIM 7.0
EC002544
ETIM 8.0
EC002544
UNSPSC 16.0901
39122230
2024-01-09 09:31:39 | Product data sheet
Subject to change without notice
MAGNETIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com