Electronic Components Datasheet Search
  English  ▼

X  

7901784 Datasheet(PDF) 5 Page - SICK AG

Part # 7901784
Description  MAGNETIC SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7901784 Datasheet(HTML) 5 Page - SICK AG

  7901784 Datasheet HTML 1Page - SICK AG 7901784 Datasheet HTML 2Page - SICK AG 7901784 Datasheet HTML 3Page - SICK AG 7901784 Datasheet HTML 4Page - SICK AG 7901784 Datasheet HTML 5Page - SICK AG 7901784 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MQ10-60ANSKT0 | MQB
MAGNETIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
MQ10, connector
16 (0.63)
Ø 3.2
(0.13)
10.3 (0.41)
10.3 (0.41)
1
2
①  Connection
②  LED indicator 270°
Recommended accessories
Other models and accessories
www.sick.com/MQB
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M8, 3-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 2 m
YF8U13-
020UA1XLEAX
2094782
Head A: female connector, M8, 3-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YF8U13-
020VA1XLEAX
2095860
Head A: female connector, M8, 3-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 5 m
YF8U13-
050UA1XLEAX
2094788
Head A: female connector, M8, 3-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YF8U13-
050VA1XLEAX
2095884
Head A: female connector, M8, 3-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 2 m
YG8U13-
020UA1XLEAX
2094794
Head A: female connector, M8, 3-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YG8U13-
020VA1XLEAX
2096165
Head A: female connector, M8, 3-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 5 m
YG8U13-
050UA1XLEAX
2095586
Head A: female connector, M8, 3-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YG8U13-
050VA1XLEAX
2096166
2024-01-09 09:31:39 | Product data sheet
Subject to change without notice
MAGNETIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com