Electronic Components Datasheet Search
  English  ▼

X  

7901784 Datasheet(PDF) 4 Page - SICK AG

Part # 7901784
Description  MAGNETIC SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7901784 Datasheet(HTML) 4 Page - SICK AG

  7901784 Datasheet HTML 1Page - SICK AG 7901784 Datasheet HTML 2Page - SICK AG 7901784 Datasheet HTML 3Page - SICK AG 7901784 Datasheet HTML 4Page - SICK AG 7901784 Datasheet HTML 5Page - SICK AG 7901784 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MQ10-60ANSKT0 | MQB
MAGNETIC SENSORS
Connection diagram
Cd-002
BN
BK
BU
+ (L+)
NO
- (M)
1
4
3
Sensing range diagram
Sensing range
20
(0.79)
40
(1.57)
60
(2.36)
80
(3.15)
Distance in mm (inch)
0
0
68
0
68
0
60
0
36
24
0
23
6
5
4
3
2
1
1 MAG-3315-B (M 5.1)
2 MAG-3015-B (M 5.0)
3 MAG-3010-B (M 4.0)
4 MAG-2006-B (M 3.0)
5 MAG-0625-A (M 2.0)
6 MAG-1003-S (M 1.0)
Magnet type
0
Max. sensing range Sn, flush or non-flush installation,
non-magnetizable material
Part no.
7902086
7901786
7901785
7901784
7901783
7901782
4
MAGNETIC SENSORS | SICK
Product data sheet | 2024-01-09 09:31:39
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com