Electronic Components Datasheet Search
  English  ▼

X  

XR1004 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XR1004
Description  30.0-46.0 GHz GaAs MMIC Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1004 Datasheet(HTML) 1 Page - Mimix Broadband

  XR1004 Datasheet HTML 1Page - Mimix Broadband XR1004 Datasheet HTML 2Page - Mimix Broadband XR1004 Datasheet HTML 3Page - Mimix Broadband XR1004 Datasheet HTML 4Page - Mimix Broadband XR1004 Datasheet HTML 5Page - Mimix Broadband XR1004 Datasheet HTML 6Page - Mimix Broadband XR1004 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 16-Aug-07
Mimix Broadband’s 30.0-46.0 GHz GaAs MMIC receiver has a noise
figure of 3.5 dB and 18.0 dB image rejection across the band. This
device is a three stage LNA followed by an image reject resistive
pHEMT mixer and includes an integrated LO doubler and LO buffer
amplifer. The image reject mixer eliminates the need for a bandpass
filter after the LNA to remove thermal noise at the image frequency.
The use of integrated LO doubler and LO buffer amplifier makes the
provision of the LO easier than for fundamental mixers at these
frequencies. I and Q mixer outputs are provided and an external 90
degree hybrid is required to select the desired sideband. This MMIC
uses Mimix Broadband’s 0.15 µm GaAs PHEMT device model
technology, and is based upon electron beam lithography to ensure
high repeatability and uniformity. The chip has surface passivation to
protect and provide a rugged part with backside via holes and gold
metallization to allow either a conductive epoxy or eutectic solder die
attach process. This device is well suited for Millimeter-wave
Point-to-Point Radio, LMDS, SATCOM and VSAT applications.
30.0-46.0 GHz GaAs MMIC
Receiver
Page 1 of 7
Sub-harmonic Receiver
Integrated LNA, LO Doubler/Buffer, Image Reject Mixer
+4.0 dBm Input Third Order Intercept (IIP3)
+2.0 dBm LO Drive Level
9.0 dB Conversion Gain
3.5 dB Noise Figure
18.0 dB Image Rejection
100% On-Wafer RF, DC and Noise Figure Testing
100% Visual Inspection to MIL-STD-883 Method 2010
Features
General Description
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id1,2), (Id3)
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
110, 180 mA
+0.3 VDC
+5 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
(3) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
3
3
Electrical Characteristics (AmbientTemperatureT = 25o C)
Units
GHz
GHz
GHz
GHz
dB
dB
dBm
dBc
dB
dB
dBm
VDC
VDC
VDC
mA
mA
Min.
35.0
30.0
15.5
DC
-
-
-
-
-
-
-
-
-1.2
-1.2
-
-
Typ.
-
-
-
-
10.0
9.0
+2.0
18.0
3.5
40.0/40.0
+4.0
+4.0
-0.3
-0.5
50
145
Max.
46.0
46.0
25.0
4.0
-
-
-
-
-
-
-
+5.5
+0.1
+0.1
100
165
Parameter
Frequency Range (RF) Upper Side Band
Frequency Range (RF) Lower Side Band
Frequency Range (LO)
Frequency Range (IF)
Input Return Loss RF (S11)
Small Signal Conversion Gain RF/IF (S21)
LO Input Drive (PLO)
Image Rejection
Noise Figure (NF)
Isolation LO/RF @ LOx1/LOx2
Input Third Order Intercept (IIP3)
Drain Bias Voltage (Vd1,2,3)
Gate Bias Voltage (Vg1,2,3)
Gate Bias Voltage (Vg4,5) Mixer, Doubler
Supply Current (Id1,2) (Vd1,2=4.0, Vg=-0.3V Typical)
Supply Current (Id3) (Vd3=4.0V,Vg=-0.3V Typical)
(1) Measured using constant current.
(2) Measured using LO Input drive level of 0.0 and +2.0 dBm.
1,2
2
2
2
R1004-BD


Similar Part No. - XR1004

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1004 MIMIX-XR1004 Datasheet
370Kb / 7P
30.0-46.0 GHz GaAs MMIC Receiver
XR1004-BD MIMIX-XR1004-BD Datasheet
316Kb / 7P
30.0-46.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XR1004-BD MA-COM-XR1004-BD Datasheet
1Mb / 8P
Receiver
XR1004-BD MA-COM-XR1004-BD Datasheet
1Mb / 8P
Receiver
logo
Mimix Broadband
XR1004-BD MIMIX-XR1004-BD_09 Datasheet
316Kb / 7P
30.0-46.0 GHz GaAs MMIC
More results

Similar Description - XR1004

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1000 MIMIX-XM1000 Datasheet
301Kb / 6P
32.0-46.0 GHz GaAs MMIC Balanced Mixer
XR1004 MIMIX-XR1004 Datasheet
370Kb / 7P
30.0-46.0 GHz GaAs MMIC Receiver
XR1004 MIMIX-XR1004_06 Datasheet
231Kb / 7P
30.0-46.0 GHz GaAs MMIC Receiver
XM1000-BD MIMIX-XM1000-BD Datasheet
302Kb / 6P
32.0-46.0 GHz GaAs MMIC Balanced Mixer
XM1002-BD MIMIX-XM1002-BD Datasheet
324Kb / 8P
34.0-46.0 GHz GaAs MMIC Image Reject Mixer
CMM2030-BD MIMIX-CMM2030-BD_10 Datasheet
1Mb / 8P
30.0 kHz-30.0 GHz GaAs MMIC
CMM3020-BD MIMIX-CMM3020-BD_10 Datasheet
1Mb / 8P
30.0 kHz-20.0 GHz GaAs MMIC
CMM3030-BD MIMIX-CMM3030-BD_10 Datasheet
1Mb / 8P
30.0 kHz-30.0 GHz GaAs MMIC
XP1017-BD MIMIX-XP1017-BD_10 Datasheet
1Mb / 8P
30.0-36.0 GHz GaAs MMIC
XR1004-BD MIMIX-XR1004-BD_09 Datasheet
316Kb / 7P
30.0-46.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com