Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 74 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 74 Page - Semtech Corporation

Back Button LLCC68_V01 Datasheet HTML 70Page - Semtech Corporation LLCC68_V01 Datasheet HTML 71Page - Semtech Corporation LLCC68_V01 Datasheet HTML 72Page - Semtech Corporation LLCC68_V01 Datasheet HTML 73Page - Semtech Corporation LLCC68_V01 Datasheet HTML 74Page - Semtech Corporation LLCC68_V01 Datasheet HTML 75Page - Semtech Corporation LLCC68_V01 Datasheet HTML 76Page - Semtech Corporation LLCC68_V01 Datasheet HTML 77Page - Semtech Corporation LLCC68_V01 Datasheet HTML 78Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
74 of 111
Semtech
LLCC68
www.semtech.com
13.1.11 SetRegulatorMode
By default only the LDO is used. This is useful in low cost applications where the cost of the extra components needed for a DC-DC converter
is prohibitive. Using only a linear regulator implies that the RX or TX current is almost doubled. This function specifies if DC-DC or LDO is used
for power regulation. The regulation mode is defined by parameter regModeParam.
Note: This function is clearly related to the hardware implementation of the device. The user should always use this command while
knowing what has been implemented at the hardware level.
13.1.12 Calibrate Function
At power up the radio performs calibration of RC64k, RC13M, PLL and ADC. It is however possible to launch a calibration of one or several
blocks at any time starting in STDBY_RC mode. The calibrate function starts the calibration of a block defined by calibParam.
The total calibration time if all blocks are calibrated is 3.5ms. The calibration must be launched in STDBY_RC mode and the BUSY pins are
high during the calibration process. A falling edge of BUSY indicates the end of the procedure.
Table 13-16: SetRegulatorMode SPI Transaction
Byte
0
1
Data from host
Opcode = 0x96
regModeParam
0: Only LDO used for all modes
1: DC_DC+LDO used for STBY_XOSC,FS, RX and TX modes
Table 13-17: Calibrate SPI Transaction
Byte
0
1
Data from host
Opcode = 0x89
calibParam
Table 13-18: Calibration Setting
CalibParam
Calibration Setting
Bit 0
0: RC64k calibration disabled
1: RC64k calibration enabled
Bit 1
0: RC13M calibration disabled
1: RC13M calibration enabled
Bit 2
0: PLL calibration disabled
1: PLL calibration enabled
Bit 3
0: ADC pulse calibration disabled
1: ADC pulse calibration enabled
Bit 4
0: ADC bulk N calibration disabled
1: ADC bulk N calibration enabled
Bit 5
0: ADC bulk P calibration disabled
1: ADC bulk P calibration enabled
Bit 6
0: Image calibration disabled
1: Image calibration enabled
Bit 7
0: RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com