Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 14 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button LLCC68_V01 Datasheet HTML 10Page - Semtech Corporation LLCC68_V01 Datasheet HTML 11Page - Semtech Corporation LLCC68_V01 Datasheet HTML 12Page - Semtech Corporation LLCC68_V01 Datasheet HTML 13Page - Semtech Corporation LLCC68_V01 Datasheet HTML 14Page - Semtech Corporation LLCC68_V01 Datasheet HTML 15Page - Semtech Corporation LLCC68_V01 Datasheet HTML 16Page - Semtech Corporation LLCC68_V01 Datasheet HTML 17Page - Semtech Corporation LLCC68_V01 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
14 of 111
Semtech
LLCC68
www.semtech.com
3. Specifications
3.1 ESD Notice
The LLCC68 transceiver is a high-performance radio frequency device, with high ESD and latch-up resistance. The chip should be handled
with all the necessary ESD precautions to avoid any permanent damage.
3.2 Absolute Maximum Ratings
Stresses above the values listed below may cause permanent device failure. Exposure to absolute maximum ratings for extended periods
may affect device reliability, reducing product life time.
3.3 Operating Range
Operating ranges define the limits for functional operation and parametric characteristics of the device. Functionality outside these limits
is not guaranteed.
Table 3-1: ESD and Latch-up Notice
Symbol
Description
Min
Typ
Max
Unit
ESD_HBM
Class 2 of ANSI/ESDA/JEDEC Standard JS-001-2014
(Human Body Model)
-
-
2.0
kV
ESD_CDM
ESD Charged Device Model, JEDEC standard JESD22-C101D, class III
-
-
1000
V
LU
Latch-up, JEDEC standard JESD78 B, class I level A
-
-
100
mA
Table 3-2: Absolute Maximum Ratings
Symbol
Description
Min
Typ
Max
Unit
VDDmr
Supply voltage, applies to VBAT and VBAT_IO
-0.5
-
3.9
V
Tmr
Temperature
-55
-
125
°C
Pmr
RF Input level
-
-
10
dBm
Table 3-3: Operating Range
Symbol
Description
Min
Typ
Max
Unit
VDDop
Supply voltage, applies to VBAT and VBAT_IO
1.8
-
3.7
V
Top
Temperature under bias
-40
-
85
°C
Clop
Load capacitance on digital ports
-
-
20
pF
ML
RF Input power
-
-
0
dBm
VSWR
Voltage Standing Wave Ratio at antenna port
-
-
10:1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com