Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 89 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 89 Page - Semtech Corporation

Back Button LLCC68_V01 Datasheet HTML 85Page - Semtech Corporation LLCC68_V01 Datasheet HTML 86Page - Semtech Corporation LLCC68_V01 Datasheet HTML 87Page - Semtech Corporation LLCC68_V01 Datasheet HTML 88Page - Semtech Corporation LLCC68_V01 Datasheet HTML 89Page - Semtech Corporation LLCC68_V01 Datasheet HTML 90Page - Semtech Corporation LLCC68_V01 Datasheet HTML 91Page - Semtech Corporation LLCC68_V01 Datasheet HTML 92Page - Semtech Corporation LLCC68_V01 Datasheet HTML 93Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
89 of 111
Semtech
LLCC68
www.semtech.com
In the LLCC68, the CRC can be fully configured and the polynomial used, and the initial values can be entered directly via register access.
Table 13-59: GFSK PacketParam6 - PacketType
PacketType
Description
0x00
The packet length is known on both sides, the size of the payload is not added to the packet
0x01
The packet is on variable size, the first byte of the payload is the size of the packet
Table 13-60: GFSK PacketParam7 - PayloadLength
AddrComp
Description
0x00 to 0xFF
Size of the payload (in bytes) to transmit or maximum size of the payload that the receiver can accept.
Table 13-61: GFSK PacketParam8 - CRCType
CRCType
Description
0x01
CRC_OFF (No CRC)
0x00
CRC_1_BYTE (CRC computed on 1 byte)
0x02
CRC_2_BYTE(CRC computed on 2 byte)
0x04
CRC_1_BYTE_INV(CRC computed on 1 byte and inverted)
0x06
CRC_2_BYTE_INV(CRC computed on 2 byte and inverted)
Table 13-62: CRC Initial Value Programming
Register Address
Default Value
CRC MSB Initial Value [15:8]
0x06BC
0x1D
CRC LSB Initial Value [7:0]
0x06BD
0x0F
Table 13-63: CRC Polynomial Programming
Register Address
Default Value
CRC MSB polynomial value [15:8]
0x06BE
0x10
CRC LSB polynomial value [7:0]
0x06BF
0x21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com