Electronic Components Datasheet Search
  English  ▼

X  

3183B Datasheet(PDF) 2 Page - Multicomp Pro

Part # 3183B
Description  3182B, 3183B LSZH / H05Z1Z1-F Unscreened Multicore Flexible Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

3183B Datasheet(HTML) 2 Page - Multicomp Pro

  3183B Datasheet HTML 1Page - Multicomp Pro 3183B Datasheet HTML 2Page - Multicomp Pro 3183B Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
22/04/20
3182B, 3183B LSZH / H05Z1Z1-F
Unscreened Multicore Flexible Cable
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
De-Rating Factors:
Ambient Temperature
+35°C
+40°C
+45°C
+50°C
+55°C
De-Rating Factor
0.91
0.82
0.71
0.58
0.41
60ºC Thermoplastic or Thermosetting Insulated Cords
Conductors:
Class 5 Flexible Copper Conductors for Single Core and Multi-Core Cables
Nominal Cross
Sectional Area
mm2
Max. Diameter of Wires
in Conductor
mm
Max. Resistance of
Conductor at 20°C
Plain Wires
Ω/km
0.75
0.21
26
1
0.21
19.5
1.5
0.26
13.3
2.5
0.26
7.98
The above table is in accordance with BS EN 60228 (previously BS 6360)
Dimensions:
Part Number
No. of
Cores
Colour
Codes
Nominal Cross
Sectional Area
mm2
Nominal Thickness
of Insulation
mm
Nominal Overall
Diameter
mm
Nominal
Weight
kg/km
PP000916
2
White
0.75
0.6
6.3
57
PP000917
2
Black
0.75
0.6
6.3
57
PP000918
2
White
1
0.6
6.6
65
PP000919
2
Black
1
0.6
6.6
65
PP000920
2
White
1.5
0.7
7.4
84
PP000921
2
Black
1.5
0.7
7.4
84
PP000922
3
White
0.75
0.6
6.7
68
PP000923
3
Black
0.75
0.6
6.7
68
Conductor operating temperature: 60ºC*
* The tabulated values above are for 60ºC thermoplastic or thermosetting insulated flexible cords and for other types of
flexible cords they are to be multiplied by the following factors:
90ºC thermoplastic or thermoseting insulation : 1.09
Nominal Cross
Sectional Area
mm2
DC or Single-Phase AC
mV/A/m
Three-Phase AC
mV/A/m
0.75
62
54
1
46
40
1.5
32
27
2.5
19
16
Voltage Drop



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com