Electronic Components Datasheet Search
  English  ▼

X  

3183B Datasheet(PDF) 1 Page - Multicomp Pro

Part # 3183B
Description  3182B, 3183B LSZH / H05Z1Z1-F Unscreened Multicore Flexible Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

3183B Datasheet(HTML) 1 Page - Multicomp Pro

  3183B Datasheet HTML 1Page - Multicomp Pro 3183B Datasheet HTML 2Page - Multicomp Pro 3183B Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
22/04/20
3182B, 3183B LSZH / H05Z1Z1-F
Unscreened Multicore Flexible Cable
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Application:
Used as an indoor general wiring cable primarily for installations in public areas. Examples include use on pendant lighting drops
or as a general supply lead within hospital or airport projects. For installation where fire, smoke emission and toxic fumes create
a potential threat to life and equipment.
Cable Standards:
Made in accordance with the following:
BS EN 50525-3-11 (HD21.14), BS EN/IEC 60332-1-2,
BS EN/IEC 60332-3-24.C
Construction:
Conductor
: Class 5 flexible copper conductor according to
BS EN 60228 (previously BS 6360)
Insulation
: LSZH (Low Smoke Zero Halogen) Type TI6 according to BS EN 50363
Sheath
: LSZH (Low Smoke Zero Halogen) Type TM7 according to BS EN 50363
Characteristics:
Voltage Rating (Uo/U)
: 300/500V
Temperature Rating
: -20°C to +60°C
Min. Bending Radius
: 5 × overall diameter
Core Identification
: 2 core: Blue & Brown
3 core: Green/Yellow, Blue & Brown
Sheath Colour
: White & Black
Electrical Characteristics:
Current Carrying Capacity and Mass Supportable
Nominal Cross
Sectional Area
mm2
Current Carrying Capacity
Max. Mass Supportable by
Twin Flexible Cord
kg
Single-Phase AC
Amps
Three-Phase AC
Amps
0.75
6
6
3
1
10
10
5
1.5
16
16
5
2.5
25
20
5


Similar Part No. - 3183B

ManufacturerPart #DatasheetDescription
logo
Pro-Power
3183B-0.75MMWHT PROPOWER-3183B-0.75MMWHT Datasheet
108Kb / 2P
Cable
01/02/08 V1.0
3183B-1.50MMWHT PROPOWER-3183B-1.50MMWHT Datasheet
108Kb / 2P
Cable
01/02/08 V1.0
3183B-1MMWHT PROPOWER-3183B-1MMWHT Datasheet
108Kb / 2P
Cable
01/02/08 V1.0
More results

Similar Description - 3183B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
P2041NXE1MMB multicore processors
P4080NXE1MMB FREESCALE-P4080NXE1MMB Datasheet
495Kb / 3P
P4 Series Multicore Processors
P4040NSN1PNB FREESCALE-P4040NSN1PNB Datasheet
495Kb / 3P
P4 Series Multicore Processors
logo
List of Unclassifed Man...
PP001166 ETC2-PP001166 Datasheet
153Kb / 1P
LSZH 300V Unscreened Single Pair Instrumentation, Security, Data and Audio Cable
logo
Pasternack Enterprises,...
PE37163 PASTERNACK-PE37163 Datasheet
147Kb / 1P
26.5 GHZ FLEXIBLE CABLE ASSEMBLY, RG6A/U, F MALE TO F MALE
PE-C100-LSZH PASTERNACK-PE-C100-LSZH Datasheet
365Kb / 4P
Low Loss Flexible RG174 Type Coax Cable Double Shielded with Black LSZH Jacket
logo
Mini-Circuits
FLC-1.5FT-SMSM MINI-FLC-1.5FT-SMSM Datasheet
391Kb / 3P
Flexible Test Cable
FLC-2M-SMNM MINI-FLC-2M-SMNM Datasheet
343Kb / 3P
Flexible Test Cable
FLC-3FT-SMSM MINI-FLC-3FT-SMSM Datasheet
391Kb / 3P
Flexible Test Cable
logo
Belden Inc.
1300SB BELDEN-1300SB Datasheet
866Kb / 3P
Category 5e Shipboard Cable, ABS, 4 Pair, F/UTP, LSZH
2022 Belden, Inc
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com