| Electronic Components Datasheet Search |
|
3183B Datasheet(PDF) 3 Page - Multicomp Pro |
|
|
|||||||||||||||||||||||||||||
3183B Datasheet(HTML) 3 Page - Multicomp Pro |
|
3 / 3 page ![]() Page <3> V1.0 22/04/20 3182B, 3183B LSZH / H05Z1Z1-F Unscreened Multicore Flexible Cable Newark.com/multicomp-pro Farnell.com/multicomp-pro Element14.com/multicomp-pro Part Number Table Description Sheath Colour Reel Length (m) Part Number 3182B, 3183B LSZH / H05Z1Z1-F Unscreened Multicore Flexible Cable White 100 PP000916 Black PP000917 White PP000918 Black PP000919 White PP000920 Black PP000921 White PP000922 Black PP000923 Black PP000924 Black PP000925 White PP000926 White PP000927 Black PP000928 Part Number No. of Cores Colour Codes Nominal Cross Sectional Area mm2 Nominal Thickness of Insulation mm Nominal Overall Diameter mm Nominal Weight kg/km PP000924 3 Black 1 0.6 7 78 PP000925 3 Black 1.5 0.7 8 107 PP000926 3 White 1.5 0.7 8 107 PP000927 3 White 2.5 0.8 9.9 163 PP000928 3 Black 2.5 0.8 9.9 163 Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |