Electronic Components Datasheet Search
  English  ▼

X  

SPC472 Datasheet(PDF) 4 Page - Visual Communications Company

Part # SPC472
Description  1092 Series 0.500” (12.7mm) Wire Leads LED Panel Mount Indicator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

SPC472 Datasheet(HTML) 4 Page - Visual Communications Company

  SPC472 Datasheet HTML 1Page - Visual Communications Company SPC472 Datasheet HTML 2Page - Visual Communications Company SPC472 Datasheet HTML 3Page - Visual Communications Company SPC472 Datasheet HTML 4Page - Visual Communications Company SPC472 Datasheet HTML 5Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dimensions in inches [mm]
Tinned Copper Conductor
PVC Insulation
Materials
Housing
Lens
Bezel
White Nylon UL94 V-2
Polished stainless steel
Transparent Polycarbonate
UL94 V-2
Wire Leads
Installation Specifications
Mounting Hole
D-Mounting Hole
Panel Thickness
0.470” to 0.475”
(11.94 to 12.07 mm)
0.500” to 0.505”
(12.70 to 12.83 mm)
0.020” to 0.100”
(0.51 to 2.54 mm)
Wire Leads
1092 | Page 4 of 5
03/18 Rev4
Your first call for illuminated components
vcclite.com 1.800.522.5546
Product Specifications
Accessory options [order separately]
Voltage Table
Nominal
12V
28V
125V
VAC
10 to 14
26 to 30
105 to 125
VDC
10 to 14
26 to 30
-
Forward Current
Rating
Internal Resistor
12V
28V
125V
390Ω
15000Ω + rectifier diode
1200Ω
25mA
Temperature Specifications
Operating
Temperature
Storage
Temperature
-40˚C to +85˚C
-40˚F to +185˚F
-40˚C to +85˚C
-40˚F to +185˚F
O-Ring Gasket
Part Number: SPC472
The 1092 Gasket is designed to seal many types of media, including water, air, dust, and oil.
The panel gasket is intended to provide a seal between the panel and the 1092 Panel Mount Indicator.
Meets ASTM D2000 standard.
SECTION A-A
A
A
Ø.472
[12.00]
Ø.591
[15.00]
.059
[1.50]
Material
Buna-N, Durometer A50, black
Installation Specification
Internal Diameter
28V
Operational
Temperature
0.472” (12 mm)
-30˚F to +225˚F
0.059” (1.5 mm)
18 AWG -105ºC - 600V
lead color: red and black,
4.40”/4.80”
(111.8/121.9 mm) long,
stripped .430“/.570”
(10.9/14.5 mm)
Anode(+): Red lead



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com