Electronic Components Datasheet Search
  English  ▼

X  

SPC472 Datasheet(PDF) 5 Page - Visual Communications Company

Part # SPC472
Description  1092 Series 0.500” (12.7mm) Wire Leads LED Panel Mount Indicator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

SPC472 Datasheet(HTML) 5 Page - Visual Communications Company

  SPC472 Datasheet HTML 1Page - Visual Communications Company SPC472 Datasheet HTML 2Page - Visual Communications Company SPC472 Datasheet HTML 3Page - Visual Communications Company SPC472 Datasheet HTML 4Page - Visual Communications Company SPC472 Datasheet HTML 5Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dimensions in inches [mm]
.75+.01
[19.05+0.25]
.92+.015
[23.37+0.38]
1092 | Page 5 of 5
03/18 Rev4
Compliances and Approvals
Your first call for illuminated components
vcclite.com 1.800.522.5546
Push-on speed nut
Part Number: SN0461-C
Description: Speed nut with coating, which secures the indicator in place
• One piece, self-locking, heat-treated, spring-steel fastener that replaces threaded nut, lock
washer or spanner washer
• Eliminates time-consuming assembly operations
• Fast and easy to apply, the speed nut fastener provides maximum holding power at minimum
cost per fastener
• It does not shake loose from vibration, yet can be easily loosened without worry about
rust-frozen screw threads
• For smaller components where space is premium
• Requires less torque than standard hex-nuts
• Can be installed prior to painting process so threads won’t fill.
Accessory options [order separately]
Material
Speed Nut
(one piece)
Spring Steel
Installation Specification
0.485” (12.319mm)
Stud Size



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com