Electronic Components Datasheet Search
  English  ▼

X  

SPC472 Datasheet(PDF) 1 Page - Visual Communications Company

Part # SPC472
Description  1092 Series 0.500” (12.7mm) Wire Leads LED Panel Mount Indicator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

SPC472 Datasheet(HTML) 1 Page - Visual Communications Company

  SPC472 Datasheet HTML 1Page - Visual Communications Company SPC472 Datasheet HTML 2Page - Visual Communications Company SPC472 Datasheet HTML 3Page - Visual Communications Company SPC472 Datasheet HTML 4Page - Visual Communications Company SPC472 Datasheet HTML 5Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1092 Series with high brightness LED offers daylight visibility and
enhances the user experience by enabling fast operation of the device
1092 Series with high brightness LED offers daylight visibility and
enhances the user experience by enabling fast operation of the device
1092 Series
0.500” (12.7mm) Wire Leads
LED Panel Mount Indicator
• Front panel snap-in. Snaps fit into 0.500” (12.7mm) panel hole requires no additional hardware
• High brightness LED for daylight viewing
• Available in four single colors: red, green, amber and blue
• Offered with a variety of lens options: Hi Hat, Hi Dome, Semi Dome and Small Dome
• Transparent and diffused lenses provide visibility during daylight
•
Available in operating voltage of 12VDC, 28VDC and 125VAC
• Offered with wire leads (4.4”/4.8”) or tab terminal (0.187” x .020”)
• “Double D” mounting hole prevent any rotation of the indicator while the nut is being installed.
• Bezel finish: Polished stainless steel
• Designed, manufactured and tested in accordance with the relevant UL and CSA standards
• Order speed nuts separately to provide maximum fastening power with minimal installation torque
• Order gasket separately to provide water, oil, air and dust tight
• Compliant with RoHS and REACH requirements
• Automation & Control
• Manufacturing
• Oil and Gas Industry
• Maritime
• Medical
• People Mover
• Food Service
• Transportation
• Industrial
Application
Key features
1092 | Page 1 of 5
Your first call for illuminated components
03/18 Rev4
vcclite.com 1.800.522.5546


Similar Part No. - SPC472

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SPC472 VCC-SPC472 Datasheet
872Kb / 5P
LED illumination
More results

Similar Description - SPC472

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1064S15-UR MARKTECH-MT1064S15-UR Datasheet
88Kb / 2P
Red Panel Mount LED w/6 Wire Leads
MT4164S4-HR6-2 MARKTECH-MT4164S4-HR6-2 Datasheet
96Kb / 2P
Red Panel Mount LED w/6 Wire Leads
logo
Dialight Corporation
557-0001-806 DIALIGHT-557-0001-806 Datasheet
325Kb / 1P
RED/GREEN BI-COLOR VDC LED PANEL MOUNT 2 LEADS INDICATOR
logo
List of Unclassifed Man...
PM5-S17 ETC1-PM5-S17 Datasheet
286Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
logo
Visual Communications C...
5100F VCC-5100F Datasheet
140Kb / 2P
LED Panel Mount Indicator
logo
Bivar, Inc.
PM5-A17W110AC BIVAR-PM5-A17W110AC Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17B28V BIVAR-PM5-S17B28V Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17R110AC BIVAR-PM5-S17R110AC Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17W110AC BIVAR-PM5-S17W110AC Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17Y110AC BIVAR-PM5-S17Y110AC Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com