Electronic Components Datasheet Search
  English  ▼

X  

TH7122 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # TH7122
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7122 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button TH7122 Datasheet HTML 9Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 10Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 11Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 12Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 13Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 14Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 15Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 16Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
TH7122
27 to 930MHz
FSK/FM/ASK Transceiver
39010 07122
Page 13 of 44
Data Sheet
Rev. 008
June/07
The CNT_ER supervises the unlock condition. If Up and Down are consecutive, the counter CNT_ER will be
reloaded permanently and its CARRY will not be set, otherwise the counter level of CNT_ER will be reduced
by the reference oscillator clock (1/fRO). The register ERTM decides on the maximum number of clocks
during Up and Down signals can be non-consecutive without loosing the locked state.
The transceiver offers two ways of analyzing the locked state. If the register LOCKMODE is set to ‘0’, only
one occurrence of the locked state condition is needed to remain LD = 1 during the whole active mode, oth-
erwise the state of the PLL will be observed permanently.
3.1.7
Voltage Controlled Oscillator with external Loop Filter
The transceiver provides a LC-based voltage-controlled oscillator with an
external inductance element connected between VCC and pin TNK_LO.
An internal varactor diode in series with a fixed capacitor forms the vari-
able part of the oscillator tank. The oscillation frequency is adjusted by
the DC-voltage at pin LF. The tuning sensitivity of the VCO is approxi-
mately 20MHz/V for 433MHz operations and 40MHz/V at 868MHz. Since
the internal varactor is connected to VCC, a lower voltage on pin LF
causes the capacitance to decrease and the VCO frequency to increase.
For this reason the phase detector polarity should be negative (PFDPOL
= 0). If the operation frequency is below 300MHz, an external varactor
diode between pin TNK_LO and VCC_PLL is necessary. The corre-
sponding application schematic is shown in section 8. The VCO current
VCOCUR can be adjusted via serial control interface in order to ensure
stable oscillations over the whole frequency range. For lowest LO emis-
sion in receive mode, VCOCUR should be set to the lowest value.
Fig. 5:
VCO schematic
3.1.8
Loop Filter
Since the loop filter has a strong impact on the function of the PLL, it
must be chosen carefully. For FSK operation the bandwidth of the loop
filter must be selected wide enough for a fast relock of the PLL during
crystal pulling. The bandwidth must of course also be larger than the data
rate. In case of ASK or OOK the bandwidth should be extended even
further to allow the PLL to cancel out VCO perturbations that might be
caused by the PA on/off keying. The suggested filter topology is shown in
Fig. 6. The dimensions of the loop filter elements can be derived using
well known formulas in application notes and other reference literature.
Fig. 6:
2
nd order Loop filter
3.2
Receiver Part
The RF front-end of the receiver part is a super-heterodyne configuration that converts the input radio-
frequency (RF) signal into an intermediate frequency (IF) signal. The most commonly used IF is 10.7 MHz,
but IFs in the range of 0.4 to 22 MHz can also be used. According to the block diagram, the front-end con-
sists of a LNA, a Mixer and an IF limiting amplifier with received signal strength indicator (RSSI). The local
oscillator (LO) signal for the mixer is generated by the PLL frequency synthesizer.
As the receiver constitutes a superhet architecture, there is no inherent suppression of the image frequency.
It depends on the particular application and the system’s environmental conditions whether an RF front-end
filter should be added or not. If image rejection and/or good blocking immunity are relevant system parame-
ters, a band-pass filter must be placed either in front or after the LNA. This filter can be a SAW (surface
acoustic wave) or LC-based filter (e.g. helix type).
VEE
Charge Pump
6.3pF
VD
External
Loop Filter
VCC_PLL
TNK_LO
LF
VCOCUR
VCC
LF
VCO
CF1
CF2
RF
+
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com