Electronic Components Datasheet Search
  English  ▼

X  

TH7122 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # TH7122
Description  27 to 930MHz FSK/FM/ASK Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7122 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button TH7122 Datasheet HTML 17Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 18Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 19Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 20Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 21Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 22Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 23Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 24Page - Melexis Microelectronic Systems TH7122 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
TH7122
27 to 930MHz
FSK/FM/ASK Transceiver
39010 07122
Page 21 of 44
Data Sheet
Rev. 008
June/07
5.1
Register Overview
WORD
DATA
MSB
LSB
23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bit No.
0
0
0
0
0
0
0
1
1
1
1
1
0
0
Depends on FS0/FS1 voltage level after power up
default
A
23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bit No.
0
1
0
1
1
1
0
0
1
1
1
0
1
0
Depends on FS0/FS1 voltage level after power up
default
B
23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bit No.
1
0
0
0
Depends on FS0/FS1 voltage level after power up
default
C
23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bit No.
1
1
0
0
1
0
0
Depends on FS0/FS1 voltage level after power up
default
D
5.1.1
Default Register Settings for FS0, FS1
FS1
FS0
Channel
frequency
BAND
VCOCUR
[ 1 : 0 ]
RR
[ 9 : 0 ]
NR
[ 16 :0 ]
RT
[ 9 :0 ]
NT
[ 16 : 0 ]
0
0
868.30 MHz
1
11
16d
1919d
16d
1943d
0
1
433.92 MHz
0
01
32d
1894d
32d
1942d
1
0
915.00 MHz
1
11
32d
4047d
32d
4095d
1
1
315.00 MHz
0
00
18d
766d
18d
793d
Note:
d – decimal code
A detailed description of the registers function and their configuration can be found in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com